Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 56 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 56 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 52Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 53Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 54Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 55Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 56Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 57Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 58Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 59Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
56
Figure 50. Erase Configuration
DON’T CARE
1
1
0
4-6MHz
+5 V
DON’T CARE
1
5 ms LOW PULSE
0
1
1
DON’T CARE
P1
RSTIN
P3.6
P3.7
XTAL2
XTAL1
VSS
VDD
P0
EA
ALE/WE
PSEN
P2.7
P2.6
P2.0-P2.5
P89CE558
DON’T CARE
P3.4
1
SELXTAL1
Figure 51. Programming Configuration
A0–A7
1
1
1
4-6MHz
+5 V
PGM DATA
1
2.5 ms LOW PULSE
0
1
0
A8–A13
P1
RSTIN
P3.6
P3.7
XTAL2
XTAL1
VSS
VDD
P0
EA
ALE/WE
PSEN
P2.7
P2.6
P2.0-P2.5
P89CE558
A14
P3.4
1
SELXTAL1
A0-A7
1
1
1
4-6MHz
+5 V
PGM DATA
1
1
0
0 (ENABLE)
0
A8-A13
P1
RSTIN
P3.6
P3.7
XTAL2
XTAL1
VSS
VDD
P0
EA
ALE/WE
PSEN
P2.7
P2.6
P2.0-P2.5
P89CE558
Figure 52. Program Verification
8 x 10 K
P3.4
A14
1
SELXTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com