Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 52 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 52 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 48Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 49Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 50Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 51Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 52Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 53Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 54Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 55Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
52
8.
FLASH EEPROM
8.1
General
• 32 Kbytes electrically erasable internal program memory with
Block-and Page-Erase option (”Flash Memory”).
• Internal fixed boot ROM.
• Up to 32 Kbytes external program memory in combination with the
internal FEEPROM (EA=1).
• Up to 64 Kbytes external program memory if the internal program
memory is switched off (EA=0).
The FEEPROM can be read and written byte-wise. Full Erase, Block
Erase, and Page erase will erase 32 Kbytes, 256 bytes and 32 bytes
respectively. In-circuit programming and out-of-circuit programming
is possible. On-chip erase and write timing generation and on chip
high voltage generation contribute to a user friendly interface.
8.2
Features
• Read:
byte-wise
• Write:
byte-wise within 2.5 ms.
(previously erased by a page, block or full erase).
• Erase:
Page Erase (32 bytes) within 5 ms.
Block Erase (256 bytes) within 5 ms.
Full Erase (32 Kbytes) within 5 ms.
Erased bytes contain FFH.
• Endurance:
100 erase and write cycles each byte at Tamb = 22°C
• Retention:
10 years
• Out-of-circuit programming:
Parallel programming with 87C51 compatible hardware
Interface to programmer.
• In-circuit programming:
Serial programming via RS232 interface under boot ROM
program control. Auto baud rate selection.
Intel Hex Object file Format.
The user program can call routines in the boot ROM for
erase, write and verify of the FEEPROM.
• High programming voltage generation: on chip
• Zero point on-chip oscillator and timer to generate the write and
erase time durations.
• Programmable security for the code in the FEEPROM to prevent
software piracy. The Security Byte is located in the highest
address (7FFFH) of the FEEPROM.
• Supply voltage monitoring circuit on-chip to prevent loss of
information in the FEEPROM during power-on and power-off.
8.3
Memory Map
Figure 48 shows the memory map of the user program memory and
the boot ROM. They are located in the same program address
space. Two bits UBS1 and UBS0 of the FEEPROM control special
function register FMCON select between the two memory blocks.
User program memory selection
If UBS1 and UBS0 are both 0, then the user program memory is
mapped into the 64 K program memory space and the boot ROM
cannot be selected. This is the situation after a reset when PSEN
and ALE have not been pulled down during reset. Program
execution starts at 0000H in the internal FEEPROM or in the
external program memory dependent on the level of EA during
reset.
Boot ROM selection
After a reset program execution starts in the boot ROM when during
reset PSEN and EA are pulled down while ALE stay high. The boot
ROM size is 1 Kbyte. Besides the serial in-circuit programming
routine the boot ROM contains the routines for erase, write and
verify of the FEEPROM, which can be called by the user program
(LCALL to the address space between 63 K and 64 K).
Switching between user program memory and boot ROM
Switching between user program memory (internal or external) and
boot ROM is possible if UBS1 and UBS0 are 0,1. Then in the
program memory address space between 0 and 63k the user
program memory is selected and in the memory space between 63
K and 64 K the boot ROM is selected.
To switch from user program memory to boot ROM first UBS0 must
be set (UBS1 stay 0) and a jump or call instruction to a location >63
K must be executed.
At the moment of crossing the 63 K address border by a return
instruction the switching from boot ROM to user memory (internal or
external) is performed. After crossing the 63 K address border UBS1
and UBS0 are cleared and the total 64 K memory space is mapped
as user program memory. By clearing UBS1 and UBS0, no special
requirements to the user program are necessary to do that after a
read or erase or write routine.
A small restriction for memory switching is that no memory switching
is allowed from or to the address space between 63 K and 64 K of
the user program memory because the UBS bits must stay 0 in this
range. This restriction can be avoided if the memory switching is
always done by a subroutine in the address range between 0 and
63 K.
Description
The user program code in the FEEPROM is executed as in the
standard 80C51 microcontroller. Erase and write cycles in the
FEEPROM are always performed under control of the boot program
in the boot ROM in the address space between 63 K and 64 K.
Address and data parameters are passed via DPTR and
accumulator A respectively. During an erase or write cycle in the
FEEPROM no other access or program execution in the FEEPROM
is possible. All interrupts must be disabled when the user program
calls a user routine in the boot ROM.
The boot routine for serial programming takes care of addressing,
data transfer, verify, high voltage control, error message and return
to the user program memory. It also contains the serial
communication routine.
The FEEPROM control register FMCON is a special function
register. It contains the control bits for verify, write, erase and boot
ROM switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com