Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 61 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 61 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 57Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 58Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 59Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 60Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 61Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 62Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 63Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 64Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
61
DC ELECTRICAL CHARACTERISTICS (Continued)
VDD = 5 V (± 10%), VSS = 0 V, Tamb = –40°C to +85°C (P8xCE558EFx).
DC parameters not included here are the same as in the P8xCE558EBx, DC electrical characteristics
All voltages with respect to VSS unless otherwise specified.
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
RRST
Internal reset pull-down resistor
50
150
k
Ω
CIO
Pin capacitance
Test freq = 1MHz,
Tamb = 25 °C
10
pF
Inputs
VIL
Input LOW voltage, except EA, SCL, SDA
–0.5
0.2VDD–0.15
V
VIL1
Input LOW voltage to EA
–0.5
0.2VDD–0.35
V
VIH
Input HIGH voltage, except XTAL1, RSTIN, SCL, SDA, ADEXS
0.2VDD+1.0
VDD+0.5
V
VIH1
Input HIGH voltage, XTAL1, RSTIN, ADEXS
0.7VDD+0.1
VDD+0.5
V
IIL
Input current LOW level, Ports 1, 2, 3, 4
VIN = 0.45 V
–75
µA
ITL
Transition current HIGH to LOW, Ports 1, 2, 3, 4
See note 6
–750
µA
NOTES: See Page 62.
DC ELECTRICAL CHARACTERISTICS ANALOG
AVDD = 5 V (± 10%), AVSS = 0 V, Tamb = 0 °C to +70 °C (P8xCE558EBx).
AVDD = 5 V (± 10%), AVSS = 0 V, Tamb = –40 °C to +85 °C (P8xCE558EFx).
All voltages with respect to VSS unless otherwise specified.
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
AVDD
Analog supply voltage
AVDD = VDD ± 0.2 V
4.5
5.5
V
AIDD
Analog supply current operating
Port 5 = 0 to AVDD
see notes 1 and 2
1.2
mA
AIDD
Analog supply current operating:
32 kHz/PLL operation
Port 5 = 0 to AVDD
see note 17, 18
7.2
mA
AIID
Analog supply current Idle Mode
see notes 1 and 3
70
mA
AIID
Analog supply current Idle Mode:
32 kHz/PLL operation
see note 17
6.0
mA
AIPD
Supply current Power-down mode
2 V < VPD < VDDmax
see note 4
50
µA
AIPD
Supply current Power-down mode:
32 kHz / PLL operation
VDD = 5.5V
see note 17
200
µA
Analog Inputs
AVIN
Analog input voltage
AVSS–0.2
AVDD+0.2
V
AVREF
Reference voltage:
AVREF–
AVSS–0.2
V
AVREF+
AVDD+0.2
V
RREF
Resistance between AVREF+ and AVREF–
10
50
k
Ω
CIA
Analog input capacitance
15
pF
DLe
Differential non-linearity 9, 10, 11,
±1
LSB
ILe
Integral non-linearity 9, 12
±2
LSB
OSe
Offset error 9, 13
±2
LSB
Ge
Gain error 9, 14
±0.4
%
Ae
Absolute voltage error 9, 15
±3
LSB
MCTC
Channel to channel matching
±1
LSB
Ct
Crosstalk between inputs of port 5 16
0–100kHz
–60
dB
NOTES: See Page 62.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com