Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 25 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 25 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 21Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 22Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 23Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 24Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 25Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 26Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 27Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 28Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 29Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 21
Mixed 5.0 V / 3.3 V Operating Conditions (for 42MX Devices
Only)
Table 1-14 • Absolute Maximum Ratings*
Symbol
Parameter
Limits
Units
VCCI
DC Supply Voltage for I/Os
–0.5 to +7.0
V
VCCA
DC Supply Voltage for Array
–0.5 to +7.0
V
VI
Input Voltage
–0.5 to VCCA +0.5
V
VO
Output Voltage
–0.5 to VCCI + 0.5
V
tSTG
Storage Temperature
–65 to +150
°C
Note:
*Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability. Devices
should not be operated outside the Recommended Operating Conditions.
Table 1-15 • Recommended Operating Conditions
Parameter
Commercial
Industrial
Military
Units
Temperature Range*
0 to +70
–40 to +85
–55 to +125
°C
VCCA
4.75 to 5.25
4.5 to 5.5
4.5 to 5.5
V
VCCI
3.14 to 3.47
3.0 to 3.6
3.0 to 3.6
V
Note:
*Ambient temperature (TA) is used for commercial and industrial grades; case temperature (TC) is used for
military grades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com