Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 60 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 60 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 56Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 57Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 58Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 59Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 60Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 61Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 62Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 63Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 64Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 142 page
background image
40MX and 42MX FPGA Families
1- 56
R e v i sio n 1 1
Table 1-33 • A42MX09 Timing Characteristics (Nominal 3.3 V Operation)
(Worst-Case Commercial Conditions, VCCA = 3.0 V, TJ = 70°C)
–3 Speed
–2 Speed
–1 Speed
Std Speed
–F Speed
Units
Parameter / Description
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Logic Module Propagation Delays1
tPD1
Single Module
1.6
1.8
2.1
2.5
3.5
ns
tCO
Sequential Clock-to-Q
1.8
2.0
2.3
2.7
3.8
ns
tGO
Latch G-to-Q
1.7
1.9
2.1
2.5
3.5
ns
tRS
Flip-Flop (Latch) Reset-to-Q
2.0
2.2
2.5
2.9
4.1
ns
Logic Module Predicted Routing Delays2
tRD1
FO = 1 Routing Delay
1.0
1.1
1.2
1.4
2.0
ns
tRD2
FO = 2 Routing Delay
1.3
1.4
1.6
1.9
2.7
ns
tRD3
FO = 3 Routing Delay
1.6
1.8
2.0
2.4
3.3
ns
tRD4
FO = 4 Routing Delay
1.9
2.1
2.4
2.9
4.0
ns
tRD8
FO = 8 Routing Delay
3.2
3.6
4.1
4.8
6.7
ns
Logic Module Sequential Timing 3, 4
tSUD
Flip-Flop (Latch) Data Input Set-Up 0.5
0.5
0.6
0.7
0.9
ns
tHD
Flip-Flop (Latch) Data Input Hold
0.0
0.0
0.0
0.0
0.0
ns
tSUENA
Flip-Flop (Latch) Enable Set-Up
0.6
0.6
0.7
0.8
1.2
ns
tHENA
Flip-Flop (Latch) Enable Hold
0.0
0.0
0.0
0.0
0.0
ns
tWCLKA
Flip-Flop (Latch)
Clock Active Pulse Width
4.7
5.3
6.0
7.0
9.8
ns
tWASYN
Flip-Flop (Latch)
Asynchronous Pulse Width
6.2
6.9
7.8
9.2
12.9
ns
tA
Flip-Flop Clock Input Period
5.0
5.6
6.2
7.1
9.9
ns
tINH
Input Buffer Latch Hold
0.0
0.0
0.0
0.0
0.0
ns
tINSU
Input Buffer Latch Set-Up
0.3
0.3
0.3
0.4
0.6
ns
tOUTH
Output Buffer Latch Hold
0.0
0.0
0.0
0.0
0.0
ns
tOUTSU
Output Buffer Latch Set-Up
0.3
0.3
0.3
0.4
0.6
ns
fMAX
Flip-Flop (Latch) Clock Frequency
161
146
135
117
70
MHz
Notes:
1. For dual-module macros, use tPD1 + tRD1 + tPDn, tCO + tRD1 + tPDn, or tPD1 + tRD1 + tSUD, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for
estimating device performance. Post-route timing analysis or simulation is required to determine actual performance.
3. Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules
can be obtained from the Timer utility.
4. Set-up and hold timing parameters for the input buffer latch are defined with respect to the PAD and the D input. External
setup/hold timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an external
PAD signal to the G input subtracts (adds) to the internal setup (hold) time.
5. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com