Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 73 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 73 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 69Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 70Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 71Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 72Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 73Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 74Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 75Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 76Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 69
TTL Output Module Timing5
tDLH
Data-to-Pad HIGH
2.4
2.7
3.1
3.6
5.1
ns
tDHL
Data-to-Pad LOW
2.8
3.2
3.6
4.2
5.9
ns
tENZH
Enable Pad Z to HIGH
2.5
2.8
3.2
3.8
5.3
ns
tENZL
Enable Pad Z to LOW
2.8
3.1
3.5
4.2
5.9
ns
tENHZ
Enable Pad HIGH to Z
5.2
5.7
6.5
7.6
10.7
ns
tENLZ
Enable Pad LOW to Z
4.8
5.3
6.0
7.1
9.9
ns
tGLH
G-to-Pad HIGH
2.9
3.2
3.6
4.3
6.0
ns
tGHL
G-to-Pad LOW
2.9
3.2
3.6
4.3
6.0
ns
tLSU
I/O Latch Output Set-Up
0.5
0.5
0.6
0.7
1.0
ns
tLH
I/O Latch Output Hold
0.0
0.0
0.0
0.0
0.0
ns
tLCO
I/O Latch Clock-to-Out
(Pad-to-Pad) 32 I/O
5.6
6.1
6.9
8.1
11.4
ns
tACO
Array Latch Clock-to-Out
(Pad-to-Pad) 32 I/O
10.6
11.8
13.4
15.7
22.0
ns
dTLH
Capacitive Loading, LOW to HIGH
0.04
0.04
0.04
0.05
0.07 ns/pF
dTHL
Capacitive Loading, HIGH to LOW
0.03
0.03
0.03
0.04
0.06 ns/pF
Table 1-36 • A42MX24 Timing Characteristics (Nominal 5.0 V Operation) (continued)
(Worst-Case Commercial Conditions, VCCA = 4.75 V, TJ = 70°C)
–3 Speed
–2 Speed
–1 Speed
Std Speed
–F Speed
Parameter / Description
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Units
Notes:
1. For dual-module macros, use tPD1 + tRD1 + tPDn, tCO + tRD1 + tPDn, or tPD1 + tRD1 + tSUD, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for
estimating device performance. Post-route timing analysis or simulation is required to determine actual performance.
3. Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules
can be obtained from the Timer utility.
4. Set-up and hold timing parameters for the Input Buffer Latch are defined with respect to the PAD and the D input.
External setup/hold timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an
external PAD signal to the G input subtracts (adds) to the internal setup (hold) time.
5. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com