Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 78 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 78 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 74Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 75Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 76Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 77Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 78Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 79Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 80Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 81Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 82Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 142 page
background image
40MX and 42MX FPGA Families
1- 74
R e v i sio n 1 1
Table 1-38 • A42MX36 Timing Characteristics (Nominal 5.0 V Operation)
(Worst-Case Commercial Conditions, VCCA = 4.75 V, TJ = 70°C)
–3 Speed
–2 Speed
–1 Speed
Std Speed
–F Speed
Parameter / Description
Min. Max. Min. Max. Min. Max. Min. Max. Min.
Max. Units
Logic Module Combinatorial Functions1
tPD
Internal Array Module Delay
1.3
1.5
1.7
2.0
2.7
ns
tPDD
Internal Decode Module Delay
1.6
1.8
2.0
2.4
3.3
ns
Logic Module Predicted Routing Delays2
tRD1
FO = 1 Routing Delay
0.9
1.0
1.2
1.4
2.0
ns
tRD2
FO = 2 Routing Delay
1.3
1.4
1.6
1.9
2.7
ns
tRD3
FO =3 Routing Delay
1.6
1.8
2.0
2.4
3.4
ns
tRD4
FO = 4 Routing Delay
2.0
2.2
2.5
2.9
4.1
ns
tRD5
FO = 8 Routing Delay
3.3
3.7
4.2
4.9
6.9
ns
tRDD
Decode-to-Output Routing Delay
0.3
0.4
0.4
0.5
0.7
ns
Logic Module Sequential Timing3, 4
tCO
Flip-Flop Clock-to-Output
1.3
1.4
1.6
1.9
2.7
ns
tGO
Latch Gate-to-Output
1.3
1.4
1.6
1.9
2.7
ns
tSUD
Flip-Flop (Latch) Set-Up Time
0.3
0.3
0.4
0.5
0.7
ns
tHD
Flip-Flop (Latch) Hold Time
0.0
0.0
0.0
0.0
0.0
ns
tRO
Flip-Flop (Latch) Reset-to-Output
1.6
1.7
2.0
2.3
3.2
ns
tSUENA
Flip-Flop (Latch) Enable Set-Up
0.7
0.8
0.9
1.0
1.4
ns
tHENA
Flip-Flop (Latch) Enable Hold
0.0
0.0
0.0
0.0
0.0
ns
tWCLKA
Flip-Flop (Latch) Clock Active
Pulse Width
3.3
3.7
4.2
4.9
6.9
ns
tWASYN
Flip-Flop (Latch) Asynchronous
Pulse Width
4.4
4.8
5.5
6.4
9.0
ns
Synchronous SRAM Operations
tRC
Read Cycle Time
6.8
7.5
8.5
10.0
14.0
ns
tWC
Write Cycle Time
6.8
7.5
8.5
10.0
14.0
ns
tRCKHL
Clock HIGH/LOW Time
3.4
3.8
4.3
5.0
7.0
ns
tRCO
Data Valid After Clock HIGH/LOW
3.4
3.8
4.3
5.0
7.0
ns
tADSU
Address/Data Set-Up Time
1.6
1.8
2.0
2.4
3.4
ns
Synchronous SRAM Operations (continued)
tADH
Address/Data Hold Time
0.0
0.0
0.0
0.0
0.0
ns
Notes:
1. For dual-module macros, use tPD1 + tRD1 + tPDn, tCO + tRD1 + tPDn, or tPD1 + tRD1 + tSUD, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for
estimating device performance. Post-route timing analysis or simulation is required to determine actual performance.
3. Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules
can be obtained from the Timer utility.
4. Set-up and hold timing parameters for the Input Buffer Latch are defined with respect to the PAD and the D input.
External setup/hold timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an
external PAD signal to the G input subtracts (adds) to the internal setup (hold) time.
5. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com