Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 34 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 34 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 30Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 31Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 32Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 33Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 34Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 35Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 36Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 37Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 38Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 142 page
background image
40MX and 42MX FPGA Families
1- 30
R e v i sio n 1 1
Parameter Measurement
Figure 1-20 • Output Buffer Delays
Figure 1-21 • AC Test Loads
Figure 1-22 • Input Buffer Delays
To AC test loads (shown below)
PAD
D
E
TRIBUFF
In
50%
PAD
1.5 V
50%
1.5 V
E
50%
PAD
1.5 V
50%
10%
E
50%
PAD
GND
1.5 V
50%
90%
t
ENZL
t
ENLZ
t
ENZH
t
ENHZ
t
DLH
t
DHL
VOL
VOH
VCCI
VOL
VOH
35 pF
Load 1
(Used to measure propagation delay)
To the output under test
To the output under test
Load 2
(Used to measure rising/falling edges)
VCCI
GND
35 pF
R to VCCI for t
PLZ / tPZL
R to GND for t
PHZ / tPZH
R =1 k
Ω
PAD
Y
INBUF
PAD
3 V
0 V
1.5 V
Y
GND
50%
1.5 V
50%
t
INYL
t
INYH
VCCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com