Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 85 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 85 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 81Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 82Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 83Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 84Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 85Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 86Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 87Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 88Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 89Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 81
Input Module Predicted Routing Delays2
tIRD1
FO = 1 Routing Delay
2.8
3.1
3.5
4.1
5.7
ns
tIRD2
FO = 2 Routing Delay
3.2
3.5
4.1
4.8
6.7
ns
tIRD3
FO = 3 Routing Delay
3.7
4.1
4.7
5.5
7.7
ns
tIRD4
FO = 4 Routing Delay
4.2
4.6
5.3
6.2
8.7
ns
tIRD8
FO = 8 Routing Delay
6.1
6.8
7.7
9.0
12.6
ns
Global Clock Network
tCKH
Input LOW to HIGH
FO = 32
FO = 635
4.6
5.0
5.1
5.6
5.7
6.3
6.7
7.4
9.3
10.3
ns
ns
tCKL
Input HIGH to LOW
FO = 32
FO = 635
5.3
6.8
5.9
7.6
6.7
8.6
7.8
10.1
11.0
14.1
ns
ns
tPWH
Minimum Pulse
Width HIGH
FO = 32
FO = 635
2.5
2.8
2.7
3.1
3.1
3.5
3.6
4.1
5.1
5.7
ns
ns
tPWL
Minimum Pulse
Width LOW
FO = 32
FO = 635
2.5
2.8
2.7
3.1
3.1
3.5
3.6
4.1
5.1
5.7
ns
ns
tCKSW
Maximum Skew
FO = 32
FO = 635
1.0
1.0
1.2
1.2
1.3
1.3
1.5
1.5
2.2
2.2
ns
ns
tSUEXT
Input Latch
External Set-Up
FO = 32
FO = 635
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
ns
ns
tHEXT
Input Latch
External Hold
FO = 32
FO = 635
4.0
4.6
4.4
5.2
5.0
5.9
5.9
6.9
8.2
9.6
ns
ns
tP
Minimum Period
(1/fMAX)
FO = 32
FO = 635
9.2
9.9
10.2
11.0
11.1
12.0
12.7
13.8
21.2
23.0
ns
ns
fMAX
Maximum
Datapath
Frequency
FO = 32
FO = 635
108
100
98
91
90
83
79
73
47
44
MHz
MHz
TTL Output Module Timing5
tDLH
Data-to-Pad HIGH
3.6
4.0
4.5
5.3
7.4
ns
tDHL
Data-to-Pad LOW
4.2
4.6
5.2
6.2
8.6
ns
tENZH
Enable Pad Z to HIGH
3.7
4.2
4.7
5.5
7.7
ns
tENZL
Enable Pad Z to LOW
4.1
4.6
5.2
6.1
8.5
ns
tENHZ
Enable Pad HIGH to Z
7.34
8.2
9.3
10.9
15.3
ns
Table 1-39 • A42MX36 Timing Characteristics (Nominal 3.3 V Operation) (continued)
(Worst-Case Commercial Conditions, VCCA = 3.0 V, TJ = 70°C)
–3 Speed
–2 Speed
–1 Speed
Std Speed –F Speed
Parameter / Description
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Units
Notes:
1. For dual-module macros, use tPD1 + tRD1 + tPDn, tCO + tRD1 + tPDn, or tPD1 + tRD1 + tSUD, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for
estimating device performance. Post-route timing analysis or simulation is required to determine actual performance.
3. Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules
can be obtained from the Timer utility.
4. Set-up and hold timing parameters for the Input Buffer Latch are defined with respect to the PAD and the D input.
External setup/hold timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an
external PAD signal to the G input subtracts (adds) to the internal setup (hold) time.
5. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com