Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 32 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 32 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 28Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 29Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 30Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 31Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 32Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 33Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 34Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 35Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 36Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 142 page
background image
40MX and 42MX FPGA Families
1- 28
R e v i sio n 1 1
Notes:
1. Load-dependent
2. Values are shown for A42MX36 –3 at 5.0 V worst-case commercial conditions.
Figure 1-18 • 42MX Timing Model (Logic Functions Using Quadrant Clocks)
t
SUD = 3.0 ns
t
HD = 0.0 ns
FMAX=180 MHz
t
CKH=3.03 ns
1
Quadrant
Clocks
t
CO = 1.3 ns
t
RD1 = 0.9 ns
Sequential
Logic Module
t
LH = 0.00 ns
t
LSU = 0.5 ns
t
GHL = 2.9 ns
t
ENHZ = 5.3 ns
t
DLH = 2.6 ns
t
RDD = 0.3 ns
t
PDD = 1.6 ns
t
INH = 0.0 ns
t
INSU = 0.5 ns
t
INGO = 1.4 ns
t
RD1 = 0.9 ns
t
RD2 = 1.3 ns
t
RD4 = 2.0 ns
t
DLH = 2.6 ns
t
PD=1.3 ns
t
INPY = 1.0 ns
t
IRD1= 2.0 ns
I/O Module
Combinatorial
Module
I/O Module
Decode
Module
Comb.
Logic
Include
D
Q
DQ
G
G
D
Q
I/O Module
Input Delays
Internal Delays
Output Delays
Predicted
Routing
Delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com