Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 79 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 79 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 75Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 76Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 77Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 78Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 79Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 80Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 81Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 82Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 83Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 75
tRENSU
Read Enable Set-Up
0.6
0.7
0.8
0.9
1.3
ns
tRENH
Read Enable Hold
3.4
3.8
4.3
5.0
7.0
ns
tWENSU
Write Enable Set-Up
2.7
3.0
3.4
4.0
5.6
ns
tWENH
Write Enable Hold
0.0
0.0
0.0
0.0
0.0
ns
tBENS
Block Enable Set-Up
2.8
3.1
3.5
4.1
5.7
ns
tBENH
Block Enable Hold
0.0
0.0
0.0
0.0
0.0
ns
Asynchronous SRAM Operations
tRPD
Asynchronous Access Time
8.1
9.0
10.2
12.0
16.8
ns
tRDADV
Read Address Valid
8.8
9.8
11.1
13.0
18.2
ns
tADSU
Address/Data Set-Up Time
1.6
1.8
2.0
2.4
3.4
ns
tADH
Address/Data Hold Time
0.0
0.0
0.0
0.0
0.0
ns
tRENSUA Read Enable Set-Up to Address
Valid
0.6
0.7
0.8
0.9
1.3
ns
tRENHA
Read Enable Hold
3.4
3.8
4.3
5.0
7.0
ns
tWENSU
Write Enable Set-Up
2.7
3.0
3.4
4.0
5.6
ns
tWENH
Write Enable Hold
0.0
0.0
0.0
0.0
0.0
ns
tDOH
Data Out Hold Time
1.2
1.3
1.5
1.8
2.5
ns
Input Module Propagation Delays
tINPY
Input Data Pad-to-Y
1.0
1.1
1.3
1.5
2.1
ns
tINGO
Input Latch Gate-to-Output
1.4
1.6
1.8
2.1
2.9
ns
tINH
Input Latch Hold
0.0
0.0
0.0
0.0
0.0
ns
tINSU
Input Latch Set-Up
0.5
0.5
0.6
0.7
1.0
ns
tILA
Latch Active Pulse Width
4.7
5.2
5.9
6.9
9.7
ns
Input Module Predicted Routing Delays2
tIRD1
FO = 1 Routing Delay
2.0
2.2
2.5
2.9
4.1
ns
tIRD2
FO = 2 Routing Delay
2.3
2.6
2.9
3.4
4.8
ns
tIRD3
FO = 3 Routing Delay
2.6
2.9
3.3
3.9
5.5
ns
tIRD4
FO = 4 Routing Delay
3.0
3.3
3.8
4.4
6.2
ns
tIRD8
FO = 8 Routing Delay
4.3
4.8
5.5
6.4
9.0
ns
Table 1-38 • A42MX36 Timing Characteristics (Nominal 5.0 V Operation)
(Worst-Case Commercial Conditions, VCCA = 4.75 V, TJ = 70°C)
–3 Speed
–2 Speed
–1 Speed
Std Speed
–F Speed
Parameter / Description
Min. Max. Min. Max. Min. Max. Min. Max. Min.
Max. Units
Notes:
1. For dual-module macros, use tPD1 + tRD1 + tPDn, tCO + tRD1 + tPDn, or tPD1 + tRD1 + tSUD, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for
estimating device performance. Post-route timing analysis or simulation is required to determine actual performance.
3. Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules
can be obtained from the Timer utility.
4. Set-up and hold timing parameters for the Input Buffer Latch are defined with respect to the PAD and the D input.
External setup/hold timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an
external PAD signal to the G input subtracts (adds) to the internal setup (hold) time.
5. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com