Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 88 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 88 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 84Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 85Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 86Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 87Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 88Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 89Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 90Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 91Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 92Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 142 page
background image
40MX and 42MX FPGA Families
1- 84
R e v i sio n 1 1
SDI, I/O
Serial Data Input
Serial data input for diagnostic probe and device programming. SDI is active when the MODE pin is
HIGH. This pin functions as an I/O when the MODE pin is LOW.
SDO, I/O
Serial Data Output
Serial data output for diagnostic probe and device programming. SDO is active when the MODE pin is
HIGH. This pin functions as an I/O when the MODE pin is LOW. SDO is available for 42MX devices only.
When Silicon Explorer II is being used, SDO will act as an output while the "checksum" command is run.
It will return to user I/O when "checksum" is complete.
TCK, I/O
Test Clock
Clock signal to shift the Boundary Scan Test (BST) data into the device. This pin functions as an I/O
when "Reserve JTAG" is not checked in the Designer Software. BST pins are only available in A42MX24
and A42MX36 devices.
TDI, I/O
Test Data In
Serial data input for BST instructions and data. Data is shifted in on the rising edge of TCK. This pin
functions as an I/O when "Reserve JTAG" is not checked in the Designer Software. BST pins are only
available in A42MX24 and A42MX36 devices.
TDO, I/O
Test Data Out
Serial data output for BST instructions and test data. This pin functions as an I/O when "Reserve JTAG"
is not checked in the Designer Software. BST pins are only available in A42MX24 and A42MX36
devices.
TMS, I/O
Test Mode Select
The TMS pin controls the use of the IEEE 1149.1 Boundary Scan pins (TCK, TDI, TDO). In flexible mode
when the TMS pin is set LOW, the TCK, TDI and TDO pins are boundary scan pins. Once the boundary
scan pins are in test mode, they will remain in that mode until the internal boundary scan state machine
reaches the "logic reset" state. At this point, the boundary scan pins will be released and will function as
regular I/O pins. The "logic reset" state is reached 5 TCK cycles after the TMS pin is set HIGH. In
dedicated test mode, TMS functions as specified in the IEEE 1149.1 specifications. IEEE JTAG
specification recommends a 10k
Ω pull-up resistor on the pin. BST pins are only available in A42MX24
and A42MX36 devices.
VCC
Supply Voltage
Input supply voltage for 40MX devices
VCCA
Supply Voltage
Supply voltage for array in 42MX devices
VCCI
Supply Voltage
Supply voltage for I/Os in 42MX devices
WD, I/O
Wide Decode Output
When a wide decode module is used in a 42MX device this pin can be used as a dedicated output from
the wide decode module. This direct connection eliminates additional interconnect delays associated
with regular logic modules. To implement the direct I/O connection, connect an output buffer of any type
to the output of the wide decode macro and place this output on one of the reserved WD pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com