Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 43 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 43 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 39Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 40Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 41Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 42Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 43Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 44Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 45Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 46Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 47Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 39
PCI System Timing Specification
Table 1-26 and Table 1-27 list the critical PCI timing parameters and the corresponding timing
parameters for the MX PCI-compliant devices.
PCI Models
Microsemi provides synthesizable VHDL and Verilog-HDL models for a PCI Target interface, a PCI
Target and Target+DMA Master interface. Contact your Microsemi sales representative for more
details.
Table 1-26 • Clock Specification for 33 MHz PCI
Symbol
Parameter
PCI
A42MX24
A42MX36
Units
Min.
Max.
Min.
Max.
Min.
Max.
tCYC
CLK Cycle Time
30
–4.0–4.0
–
ns
tHIGH
CLK High Time
11
–1.9–1.9
–
ns
tLOW
CLK Low Time
11
–1.9–1.9
–
ns
Table 1-27 • Timing Parameters for 33 MHz PCI
PCI
A42MX24
A42MX36
Symbol
Parameter
Min.
Max. Min. Max. Min. Max. Units
tVAL
CLK to Signal Valid—Bused Signals
2
11
2.0
9.0
2.0
9.0
ns
tVAL(PTP) CLK to Signal Valid—Point-to-Point
2 2
12
2.0
9.0
2.0
9.0
ns
tON
Float to Active
2
–
2.0
4.0
2.0
4.0
ns
tOFF
Active to Float
–
28
–
8.31
–8.31
ns
tSU
Input Set-Up Time to CLK—Bused Signals
7
–
1.5
–
1.5
–
ns
tSU(PTP) Input Set-Up Time to CLK—Point-to-Point
10, 122
–
1.5
–
1.5
–
ns
tH
Input Hold to CLK
0
–
0
–
0
–
ns
Notes:
1. TOFF is system dependent. MX PCI devices have 7.4 ns turn-off time, reflection is typically an additional
10 ns.
2. REQ# and GNT# are point-to-point signals and have different output valid delay and input setup times
than do bussed signals. GNT# has a setup of 10; REW# has a setup of 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com