Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 42 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 42 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 38Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 39Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 40Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 41Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 42Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 43Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 44Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 45Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 46Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 142 page
background image
40MX and 42MX FPGA Families
1- 38
R e v i sio n 1 1
Table 1-25 • 40MX Temperature and Voltage Derating Factors
(Normalized to TJ = 25°C, VCC = 3.3 V)
40MX Voltage
Temperature
–55°C
–40°C
0°C
25°C
70°C
85°C
125°C
3.00
1.08
1.12
1.21
1.26
1.50
1.64
2.00
3.30
0.86
0.89
0.96
1.00
1.19
1.30
1.59
3.60
0.83
0.85
0.92
0.96
1.14
1.25
1.53
Note:
This derating factor applies to all routing and propagation delays.
Figure 1-36 • 40MX Junction Temperature and Voltage Derating Curves
(Normalized to TJ = 25°C, VCC = 3.3 V)
3.00
3.30
3.60
Voltage (V)
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
55˚C
40˚C
0˚C
25˚C
70˚C
85˚C
125˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com