Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 26 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 26 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 22Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 23Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 24Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 25Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 26Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 27Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 28Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 29Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 30Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 142 page
background image
40MX and 42MX FPGA Families
1- 22
R e v i sio n 1 1
Mixed 5.0V/3.3V Electrical Specifications
Table 1-16 • Mixed 5.0V/3.3V Electrical Specifications
Symbol
Parameter
Commercial
Commercial –F
Industrial
Military
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
VOH1
IOH = –10 mA 2.4
2.4
V
IOH = –4 mA
2.4
2.4
V
VOL1
IOL = 10 mA
0.5
0.5
V
IOL = 6 mA
0.4
0.4
V
VIL
–0.3
0.8
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
VIH
2.0 VCCA + 0.3 2.0 VCCA + 0.3 2.0 VCCA + 0.3 2.0 VCCA + 0.3
V
IL
VIN = 0.5 V
–10
–10
–10
–10
µA
IH
VIN = 2.7 V
–10
–10
–10
–10
µA
Input Transition
Time, TR and TF
500
500
500
500
ns
C
IO I/O Capacitance
10
10
10
10
pF
Standby Current,
ICC2
A42MX09
5
25
25
25
mA
A42MX16
6
25
25
25
mA
A42MX24,
A42MX36
20
25
25
25
mA
Low Power Mode
Standby Current
0.5
ICC – 5.0
ICC – 5.0
ICC – 5.0
mA
IIO I/O source sink
current
Can be derived from the IBIS model (http://www.microsemi.com/soc/techdocs/models/ibis.html)
Notes:
1. Only one output tested at a time. VCCI = min.
2. All outputs unloaded. All inputs = VCCI or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com