Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 69 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 69 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 65Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 66Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 67Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 68Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 69Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 70Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 71Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 72Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 65
Input Module Propagation Delays
tINYH
Pad-to-Y HIGH
1.5
1.6
1.9
2.2
3.1
ns
tINYL
Pad-to-Y LOW
1.1
1.3
1.4
1.7
2.4
ns
tINGH
G to Y HIGH
2.0
2.2
2.5
2.9
4.1
ns
tINGL
G to Y LOW
2.0
2.2
2.5
2.9
4.1
ns
Input Module Predicted Routing Delays2
tIRD1
FO = 1 Routing Delay
2.6
2.9
3.2
3.8
5.3
ns
tIRD2
FO = 2 Routing Delay
2.9
3.2
3.7
4.3
6.1
ns
tIRD3
FO = 3 Routing Delay
3.3
3.6
4.1
4.9
6.8
ns
tIRD4
FO = 4 Routing Delay
3.6
4.0
4.6
5.4
7.6
ns
tIRD8
FO = 8 Routing Delay
5.1
5.6
6.4
7.5
10.5
ns
Global Clock Network
tCKH
Input LOW to HIGH
FO = 32
FO = 384
4.4
4.8
4.8
5.3
5.5
6.0
6.5
7.1
9.0
9.9
ns
ns
tCKL
Input HIGH to LOW
FO = 32
FO = 384
5.3
6.2
5.9
6.9
6.7
7.9
7.8
9.2
11.0
12.9
ns
ns
tPWH
Minimum Pulse
Width HIGH
FO = 32
FO = 384
5.7
6.6
6.3
7.4
7.1
8.3
8.4
9.8
11.8
13.7
ns
ns
tPWL
Minimum Pulse
Width LOW
FO = 32
FO = 384
5.3
6.2
5.9
6.9
6.7
7.9
7.8
9.2
11.0
12.9
ns
ns
tCKSW
Maximum Skew
FO = 32
FO = 384
0.5
2.2
0.5
2.4
0.6
2.7
0.7
3.2
1.0
4.5
ns
ns
tSUEXT
Input Latch External
Set-Up
FO = 32
FO = 384
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
ns
ns
tHEXT
Input Latch External
Hold
FO = 32
FO = 384
3.9
4.5
4.3
4.9
4.9
5.6
5.7
6.6
8.0
9.2
ns
ns
tP
Minimum Period
FO = 32
FO = 384
7.0
7.7
7.8
8.6
8.4
9.3
9.7
10.7
16.2
17.8
ns
ns
fMAX
Maximum Frequency FO = 32
FO = 384
142
129
129
117
119
108
103
94
62
56
MHz
MHz
Table 1-35 • A42MX16 Timing Characteristics (Nominal 3.3 V Operation) (continued)
(Worst-Case Commercial Conditions, VCCA = 3.0 V, TJ = 70°C)
–3 Speed
–2 Speed
–1 Speed
Std Speed
–F Speed
Parameter / Description
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Units
Notes:
1. For dual-module macros use tPD1 + tRD1 + taped, to + tRD1 + taped, or tPD1 + tRD1 + tusk, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for
estimating device performance. Post-route timing analysis or simulation is required to determine actual performance.
3. Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules
can be obtained from the Timer utility.
4. Set-up and hold timing parameters for the input buffer latch are defined with respect to the PAD and the D input. External
setup/hold timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an external
PAD signal to the G input subtracts (adds) to the internal setup (hold) time.
5. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com