Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 54 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 54 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 50Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 51Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 52Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 53Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 54Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 55Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 56Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 57Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 58Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 142 page
background image
40MX and 42MX FPGA Families
1- 50
R e v i sio n 1 1
Input Module Predicted Routing Delays1
tIRD1
FO = 1 Routing Delay
2.9
3.3
3.8
4.5
6.3
ns
tIRD2
FO = 2 Routing Delay
3.6
4.2
4.8
5.6
7.8
ns
tIRD3
FO = 3 Routing Delay
4.4
5.0
5.7
6.7
9.4
ns
tIRD4
FO = 4 Routing Delay
5.1
5.9
6.7
7.8
11.0
ns
tIRD8
FO = 8 Routing Delay
8.0
9.3
10.5
12.4
17.2
ns
Global Clock Network
tCKH
Input LOW to HIGH
FO = 16
FO = 128
6.4
6.4
7.4
7.4
8.4
8.4
9.9
9.9
13.8
13.8
ns
tCKL
Input HIGH to LOW
FO = 16
FO = 128
6.8
6.8
7.8
7.8
8.9
8.9
10.4
10.4
14.6
14.6
ns
tPWH
Minimum Pulse
Width HIGH
FO = 16
FO = 128
3.1
3.3
3.6
3.8
4.1
4.3
4.8
5.1
6.7
7.1
ns
tPWL
Minimum Pulse
Width LOW
FO = 16
FO = 128
3.1
3.3
3.6
3.8
4.1
4.3
4.8
5.1
6.7
7.1
ns
tCKSW
Maximum Skew
FO = 16
FO = 128
0.6
0.8
0.6
0.9
0.7
1.0
0.8
1.2
1.2
1.6
ns
tP
Minimum Period
FO = 16
FO = 128
6.5
6.8
7.5
7.8
8.5
8.9
10.1
10.4
14.1
14.6
ns
fMAX
Maximum Frequency FO = 16
FO = 128
113
109
105
101
96
92
83
80
50
48
MHz
TTL Output Module Timing4
tDLH
Data-to-Pad HIGH
4.7
5.4
6.1
7.2
10.0
ns
tDHL
Data-to-Pad LOW
5.6
6.4
7.3
8.6
12.0
ns
tENZH
Enable Pad Z to HIGH
5.2
6.0
6.9
8.1
11.3
ns
tENZL
Enable Pad Z to LOW
6.6
7.6
8.6
10.1
14.1
ns
tENHZ
Enable Pad HIGH to Z
11.1
12.8
14.5
17.1
23.9
ns
tENLZ
Enable Pad LOW to Z
8.2
9.5
10.7
12.6
17.7
ns
dTLH
Delta LOW to HIGH
0.03
0.03
0.04
0.04
0.06
ns/pF
dTHL
Delta HIGH to LOW
0.04
0.04
0.05
0.06
0.08
ns/pF
Table 1-31 • A40MX04 Timing Characteristics (Nominal 3.3 V Operation) (continued)
(Worst-Case Commercial Conditions, VCC = 3.0 V, TJ = 70°C)
–3 Speed
–2 Speed
–1 Speed
Std Speed
–F Speed
Units
Parameter / Description
Min. Max. Min. Max. Min.
Max. Min. Max. Min. Max.
Notes:
1. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for
estimating device performance. Post-route timing analysis or simulation is required to determine actual performance.
2. Set-up times assume fanout of 3. Further testing information can be obtained from the Timer utility.
3. The hold time for the DFME1A macro may be greater than 0 ns. Use the Timer tool from the Designer software to check
the hold time for this macro.
4. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com