Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 45 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 45 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 41Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 42Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 43Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 44Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 45Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 46Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 47Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 48Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 41
Input Module Predicted Routing Delays1
tIRD1
FO = 1 Routing Delay
2.1
2.4
2.2
3.2
4.5
ns
tIRD2
FO = 2 Routing Delay
2.6
3.0
3.4
4.0
5.6
ns
tIRD3
FO = 3 Routing Delay
3.1
3.6
4.1
4.8
6.7
ns
tIRD4
FO = 4 Routing Delay
3.6
4.2
4.8
5.6
7.8
ns
tIRD8
FO = 8 Routing Delay
5.7
6.6
7.5
8.8
12.4
ns
Global Clock Network
tCKH
Input Low to HIGH FO = 16
FO = 128
4.6
4.6
5.3
5.3
6.0
6.0
7.0
7.0
9.8
9.8
ns
tCKL
Input High to LOW FO = 16
FO = 128
4.8
4.8
5.6
5.6
6.3
6.3
7.4
7.4
10.4
10.4
ns
tPWH
Minimum Pulse
Width HIGH
FO = 16
FO = 128
2.2
2.4
2.6
2.7
2.9
3.1
3.4
3.6
4.8
5.1
ns
tPWL
Minimum Pulse
Width LOW
FO = 16
FO = 128
2.2
2.4
2.6
2.7
2.9
3.01
3.4
3.6
4.8
5.1
ns
tCKSW
Maximum Skew
FO = 16
FO = 128
0.4
0.5
0.5
0.6
0.5
0.7
0.6
0.8
0.8
1.2
ns
tP
Minimum Period
FO = 16
FO = 128
4.7
4.8
5.4
5.6
6.1
6.3
7.2
7.5
10.0
10.4
ns
fMAX
Maximum
Frequency
FO = 16
FO = 128
188
181
175
168
160
154
139
134
83
80
MHz
Table 1-28 • A40MX02 Timing Characteristics (Nominal 5.0 V Operation) (continued)
(Worst-Case Commercial Conditions, VCC = 4.75 V, TJ = 70°C)
–3 Speed
–2 Speed
–1 Speed
Std Speed
–F Speed
Units
Parameter / Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Notes:
1. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for
estimating device performance. Post-route timing analysis or simulation is required to determine actual performance.
2. Set-up times assume fanout of 3. Further testing information can be obtained from the Timer utility.
3. The hold time for the DFME1A macro may be greater than 0 ns. Use the Timer tool from the Designer software to check
the hold time for this macro.
4. Delays based on 35pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com