Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 27 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 27 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 23Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 24Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 25Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 26Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 27Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 28Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 29Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 30Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 31Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 23
Output Drive Characteristics for 5.0 V PCI Signaling
MX PCI device I/O drivers were designed specifically for high-performance PCI systems. Figure 1-15 on
page 1-25 shows the typical output drive characteristics of the MX devices. MX output drivers are
compliant with the PCI Local Bus Specification.
Table 1-17 • DC Specification (5.0 V PCI Signaling)1
PCI
MX
Symbol
Parameter
Condition
Min.
Max.
Min.
Max.
Units
VCCI
Supply Voltage for I/Os
4.75
5.25
4.75
5.252
V
VIH
Input High Voltage
2.0
VCC + 0.5
2.0
VCCI + 0.3
V
VIL
Input Low Voltage
–0.5
0.8
–0.3
0.8
V
IIH
Input High Leakage Current
VIN = 2.7 V
70
—
10
µA
IIL
Input Low Leakage Current
VIN=0.5 V
–70
—
–10
µA
VOH
Output High Voltage
IOUT = –2 mA
IOUT = –6 mA
2.4
3.84
V
VOL
Output Low Voltage
IOUT = 3 mA, 6 mA
0.55
—
0.33
V
CIN
Input Pin Capacitance
10
—
10
pF
CCLK
CLK Pin Capacitance
5
12
—
10
pF
LPIN
Pin Inductance
20
—
< 8 nH3
nH
Notes:
1. PCI Local Bus Specification, Version 2.1, Section 4.2.1.1.
2. Maximum rating for VCCI –0.5 V to 7.0V.
3. Dependent upon the chosen package. PCI recommends QFP and BGA packaging to reduce pin inductance and
capacitance.
Table 1-18 • AC Specifications (5.0V PCI Signaling)*
PCI
MX
Symbol
Parameter
Condition
Min.
Max.
Min.
Max.
Units
ICL
Low Clamp Current
–5 < VIN
≤ –1
–25 + (VIN +1) /0.015
–60
–10
mA
Slew (r)
Output Rise Slew Rate
0.4 V to 2.4 V load
1
5
1.8
2.8
V/ns
Slew (f)
Output Fall Slew Rate
2.4 V to 0.4 V load
1
5
2.8
4.3
V/ns
Note:
*PCI Local Bus Specification, Version 2.1, Section 4.2.1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com