Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 41 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 41 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 37Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 38Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 39Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 40Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 41Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 42Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 43Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 44Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 37
Note:
This derating factor applies to all routing and propagation delays
Figure 1-34 • 40MX Junction Temperature and Voltage Derating Curves
(Normalized to TJ = 25°C, VCC = 5.0 V)
Table 1-24 • 42MX Temperature and Voltage Derating Factors
(Normalized to TJ = 25°C, VCCA = 3.3 V)
42MX Voltage
Temperature
–55°C
–40°C
0°C
25°C
70°C
85°C
125°C
3.00
0.97
1.00
1.10
1.15
1.32
1.36
1.45
3.30
0.84
0.87
0.96
1.00
1.15
1.18
1.26
3.60
0.81
0.84
0.92
0.96
1.10
1.13
1.21
Note:
This derating factor applies to all routing and propagation delays.
Figure 1-35 • 42MX Junction Temperature and Voltage Derating Curves
(Normalized to TJ = 25°C, VCCA = 3.3 V)
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
4.50
4.75
5.00
5.25
5.50
Voltage
(V)
–55°C
–40°C
0°C
25°C
70°C
85°C
125°C
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
Voltage (V)
3.00
3.30
3.60
55°C
40°C
0°C
25°C
70°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com