Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 28 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 28 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 24Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 25Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 26Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 27Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 28Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 29Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 30Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 31Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 142 page
background image
40MX and 42MX FPGA Families
1- 24
R e v i sio n 1 1
Output Drive Characteristics for 3.3 V PCI Signaling
Table 1-19 • DC Specification (3.3 V PCI Signaling)1
PCI
MX
Symbol
Parameter
Condition
Min.
Max.
Min.
Max.
Units
VCCI
Supply Voltage for I/Os
3.0
3.6
3.0
3.6
V
VIH
Input High Voltage
0.5
VCC + 0.5
0.5
VCCI + 0.3
V
VIL
Input Low Voltage
–0.5
0.8
–0.3
0.8
V
IIH
Input High Leakage Current
VIN = 2.7V
70
10
µA
IIL
Input Leakage Current
–70
–10
µA
VOH
Output High Voltage
IOUT = –2 mA
0.9
3.3
V
VOL
Output Low Voltage
IOUT = 3 mA, 6 mA
0.1
0.1 VCCI
V
CIN
Input Pin Capacitance
10
10
pF
CCLK
CLK Pin Capacitance
5
12
10
pF
LPIN
Pin Inductance
20
< 8 nH3
nH
Notes:
1. PCI Local Bus Specification, Version 2.1, Section 4.2.2.1.
2. Maximum rating for VCCI –0.5V to 7.0V.
3. Dependent upon the chosen package. PCI recommends QFP and BGA packaging to reduce pin inductance and
capacitance.
Table 1-20 • AC Specifications for (3.3 V PCI Signaling)*
PCI
MX
Symbol
Parameter
Condition
Min.
Max.
Min.
Max.
Units
ICL
Low Clamp Current
–5 < VIN
≤ –1
–25 + (VIN +1) /0.015
–60
–10
mA
Slew (r) Output Rise Slew Rate
0.2 V to 0.6 V load
1
4
1.8
2.8
V/ns
Slew (f)
Output Fall Slew Rate
0.6 V to 0.2 V load
1
4
2.8
4.0
V/ns
Note:
*PCI Local Bus Specification, Version 2.1, Section 4.2.2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com