Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 37 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 37 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 33Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 34Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 35Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 36Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 37Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 38Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 39Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 40Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1 - 33
Decode Module Timing
SRAM Timing Characteristics
Dual-Port SRAM Timing Waveforms
Figure 1-27 • Decode Module Timing
Figure 1-28 • SRAM Timing Characteristics
Note:
Identical timing for falling edge clock.
Figure 1-29 • 42MX SRAM Write Operation
A–G, H
Y
t
PLH
50%
t
PHL
Y
A
B
C
D
E
F
G
H
WRAD [5:0]
BLKEN
WEN
WCLK
RDAD [5:0]
LEW
REN
RCLK
RD [7:0]
WD [7:0]
Write Port
Read Port
RAM Array
3 2x8 or 64x4
(2 56 Bits)
WCLK
WD[7:0]
WRAD[5:0]
WEN
BLKEN
Valid
Valid
t
RCKHL
t
RCKHL
t
WENSU
t
BENSU
t
WENH
t
BENH
t
ADSU
t
ADH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com