Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 139 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 139 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 134Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 135Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 136Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 137Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 138Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 139Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 140Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 141Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 142Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 139 / 142 page
background image
Re vi s i on 11
3-1
3 – Datasheet Information
List of Changes
The following table lists critical changes that were made in the current version of the document.
Revision
Changes
Page
Revision 11
(May 2012)
The FuseLock logo and accompanying text was removed from the "User Security"
section. This marking is no longer used on Microsemi devices (PCN 0915).
1-8
The "Development Tool Support" section was updated (SAR 38512).
1-16
Revision 10
(April 2012)
"Ordering Information" was updated to include lead-free package ordering codes
(SAR 21968).
ii
The "User Security" section was revised to clarify that although no existing security
measures can give an absolute guarantee, Microsemi FPGAs implement the best
security available in the industry (SAR 34673).
1-8
The "Transient Current" section is new (SAR 36930).
1-9
Package names were revised according to standards established in Package
Mechanical Drawings (SAR 34774).
2-1
Revision 9
(v6.1, April 2009)
In Table 1-14 • Absolute Maximum Ratings*, the limits in VI were changed from -0.5 to
VCCI + 0.5 to -0.5 to VCCA + 0.5.
1-21
In Table 1-16 • Mixed 5.0V/3.3V Electrical Specifications, VOH was changed from 3.7
to 2.4 for the min in industrial and military. VIH had VCCI and that was changed to
VCCA.
1-22
v6.0
(January 2004)
The "Ease of Integration" section was updated.
1-i
The "Temperature Grade Offerings" section is new.
1-iii
The "Speed Grade Offerings" section is new.
1-iii
The "General Description" section was updated.
1-1
The "MultiPlex I/O Modules" section was updated.
1-7
The "User Security" section was updated.
1-8
Table 1-1 • Voltage Support of MX Devices was updated.
1-9
The "Power Dissipation" section was updated.
1-10
The "Static Power Component" section was updated.
1-10
The "Equivalent Capacitance" section was updated.
1-10
Figure 1-12 • Silicon Explorer II Setup with 42MX was updated.
1-12
Table 1-4 • Supported BST Public Instructions was updated.
1-14
Figure 1-13 • 42MX IEEE 1149.1 Boundary Scan Circuitry was updated.
1-14
Table 1-5 • Boundary Scan Pin Configuration and Functionality was updated.
1-15
The "Development Tool Support" section was updated.
1-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com