Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A40MX02-2PL100M Arkusz danych(PDF) 140 Page - Microsemi Corporation

Numer części A40MX02-2PL100M
Szczegółowy opis  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02-2PL100M Arkusz danych(HTML) 140 Page - Microsemi Corporation

Back Button A40MX02-2PL100M Datasheet HTML 134Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 135Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 136Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 137Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 138Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 139Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 140Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 141Page - Microsemi Corporation A40MX02-2PL100M Datasheet HTML 142Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 140 / 142 page
background image
Datasheet Information
3- 2
R ev isio n 1 1
v6.0
(continued)
The Table 1-7 • Absolute Maximum Ratings for 42MX Devices* and the Table 1-6 •
Absolute Maximum Ratings for 40MX Devices* were updated.
1-16
The Table 1-9 • 5V TTL Electrical Specifications was updated.
1-18
The Table 1-13 • 3.3V LVTTL Electrical Specifications was updated.
1-20
In the "Mixed 5.0V/3.3V Electrical Specifications" section, Table 1-14 • Absolute
Maximum
Ratings*,
Table 1-15
•
Recommended
Operating
Conditions,
and
Table 1-16 • Mixed 5.0V/3.3V Electrical Specifications were updated.
1-21
Table 1-17 • DC Specification (5.0 V PCI Signaling)1 was updated.
1-23
Table 1-19 • DC Specification (3.3 V PCI Signaling)1 was updated.
1-24
The "Junction Temperature (TJ)" section, "Package Thermal Characteristics" section,
and the tables were updated.
1-26
Figure 1-16 • 40MX Timing Model* was updated.
1-27
Figure 1-18 • 42MX Timing Model (Logic Functions Using Quadrant Clocks) was
updated.
1-28
Figure 1-19 • 42MX Timing Model (SRAM Functions) was updated.
1-29
Figure 1-26 • Output Buffer Latches was updated.
1-32
Table 1-22 • 42MX Temperature and Voltage Derating Factors is new.
1-36
Table 1-23 • 40MX Temperature and Voltage Derating Factors is new.
1-36
The "Pin Descriptions" section was updated.
1-83
In the "PQ100" table, Pin 64 (42MX09 and 42MX16) has changed to LP.
2-10
In the "PQ160" table, Pin 61 (42MX09, 42MX16, and 42MX64) has changed to LP.
2-14
In the "PQ208" table, the following pins changed:
Pin 129 (42MX09, 42MX16, and 42MX64) has changed to LP.
Pin 198 (42MX09) has changed to I/O.
2-20
The n the "PQ240" table, Pin 91 (42MX36) has changed to LP.
2-27
In the "VQ100" table, Pin 62 (42MX09 and 42MX16) has changed to LP.
2-33
In the "TQ176" table, Pin 109 (42MX09 and 42MX16) has changed to LP.
2-35
In the "BG272" table, Pin K20 (42MX36) has changed to LP.
2-48
v5.1
The "Low Power Mode" section was updated.
1-9
Footnote 8 in Table 1-9 • 5V TTL Electrical Specifications was updated.
1-18
Footnote 8 in Table 1-13 • 3.3V LVTTL Electrical Specifications was updated.
1-20
v5.0
Because the changes in this data sheet are extensive and technical in nature, this
should be viewed as a new document. Please read it as you would a datasheet that is
published for the first time.
ALL
Note that the “Package Characteristics and Mechanical Drawings” section has been
eliminated from the datasheet. The mechanical drawings are now contained in a
separate document, Package Mechanical Drawings, available on the Microsemi SoC
Products Group website.
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com