Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 28 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 28 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 24Page - Analog Devices AD4884BBCZ Datasheet HTML 25Page - Analog Devices AD4884BBCZ Datasheet HTML 26Page - Analog Devices AD4884BBCZ Datasheet HTML 27Page - Analog Devices AD4884BBCZ Datasheet HTML 28Page - Analog Devices AD4884BBCZ Datasheet HTML 29Page - Analog Devices AD4884BBCZ Datasheet HTML 30Page - Analog Devices AD4884BBCZ Datasheet HTML 31Page - Analog Devices AD4884BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
Data Sheet
AD4884
THEORY OF OPERATION
analog.com
Rev. 0 | 28 of 116
Figure 50. REFIN and CMO Internal Equivalent Circuit and Typical
Application
Each AD4884 channel internally generates a common-mode ref-
erence voltage of one-half of VREFIN, they are output through
the CMOChX pins. The CMOChX outputs are used to set the com-
mon-mode output voltage of their respective analog front-ends. To
achieve this, each CMOChX output must be directly connected to
its corresponding VOCM_ChX and decoupled with a recommended
capacitance of 100nF.
Each CMOChX output is generated using a resistive divider connect-
ed to the reference buffer output. The resulting output impedance
is typically 700Ω. Due to the limited drive capability, any additional
load must be carefully considered to avoid excessive start-up times
or absolute errors. In general, consider CMOChX buffering for the
following situations:
►
The VDD33 power rail of the AD4884 is frequently cycled.
►
Short start-up settling times are required.
►
If the external load on a CMOChX pin exceeds 30μA (RL < 45kΩ).
For the typical load regulation information, see Figure 30.
POWER SUPPLIES
The power requirements for the AD4884 are distributed across the
following supply domains:
►
AFE supply rails (±VS)
►
3.3V ADC analog circuit domain (VDD33)
►
1.1V ADC core supplies (VDD11ChA, VDD11ChB)
►
1.1V domain for the digital interfaces (IOVDDChA, IOVDDChB)
►
Optional internal voltage regulators input rail (VDDLDO)
The optional VDDLDO supply rail can be used to supply power
to the four integrated voltage regulators used to internally power
the 1.1V core (VDD11ChA, VDD11ChB) and interface (IOVDDChA,
IOVDDChB) rails. For all details and design considerations when
using the internal voltage regulators, see the Internally Regulated
Supply Configuration section. On the other hand, for more details
on applications that do not use internal regulators, see the External-
ly Generated Supply Configuration section.
Power for the VDD33 supply rail must be supplied from an external
source and must only be applied once power is supplied to the 1.1V
supply rails. For the full description of the activation order of the
voltage supplies, see the Power Supply Sequence section.
All supply domains are internally decoupled using multilayer, high
dielectric, ceramic capacitors (X6S), which eliminate the need of
external decoupling capacitors. However, care must be taken to
understand the bulk decoupling requirements for other components
in the design, which share the same supply. Integrated supply
decoupling capacitors in the AD4884 are listed in Table 6 and Table
8.
Table 8. Supply Rails Integrated Decoupling Summary
Supply Pin
Nominal Capacitance
(μF)
Capacitance
Tolerance (%)
Return Path
+VS
0.44 (2× 0.22 )
±10
GND
−VS
0.44 (2× 0.22 )
±10
GND
VDD33
0.94 (2× 0.47)
±10
GND
VDDLDO
0.44 (2× 0.22 )
±10
GND
VDD11ChA
1.88 (4× 0.47)
±10
GND
VDD11ChB
1.88 (4× 0.47)
±10
GND
IOVDDChA
0.22
±10
IOGNDChA
IOVDDChB
0.22
±10
IOGNDChB
INTERNALLY REGULATED SUPPLY
CONFIGURATION
Each channel in AD4884 includes two internal LDO regulators, one
to generate the 1.1V VDD11ChX supply rail and another to internally
generate the 1.1V IOVDDChX supply rail. Upon power on or reset
of the AD4884 channel registers, both regulators automatically
power up when an external voltage source in the range of 1.4V to
2.7V is applied to the VDDLDO pins. Note that it is not allowed
to enable the internally regulated supply configuration for one
channel only. The regulators are designed to supply the internal
load requirement of the AD4884, therefore, no external loading is
permitted. Also, when using the internally regulated configuration,
the VDD11ChA, VDD11ChB, IOVDDChA, and IOVDDChB circuit nodes
must be kept separate (that is not shorted in any combination
among themselves). Note that, as described in the Power Saving
Operating Modes section, the IOVDDChX rails are disabled in both
power saving modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com