Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 3Page - Analog Devices AD4884BBCZ Datasheet HTML 4Page - Analog Devices AD4884BBCZ Datasheet HTML 5Page - Analog Devices AD4884BBCZ Datasheet HTML 6Page - Analog Devices AD4884BBCZ Datasheet HTML 7Page - Analog Devices AD4884BBCZ Datasheet HTML 8Page - Analog Devices AD4884BBCZ Datasheet HTML 9Page - Analog Devices AD4884BBCZ Datasheet HTML 10Page - Analog Devices AD4884BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
Data Sheet
AD4884
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 116
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Noise Spectral Density
26.1
nV/√Hz
LOW DROPOUT REGULATORS
(VDD11ChX, IOVDDChX)
Input Voltage Range
1.4
2.7
V
Output Voltage
TA = 25°C, VDDLDO = 1.8V
1.15
V
Start-Up Time
10
μs
LOW VOLTAGE DIFFERENTIAL
SIGNALING (LVDS) INPUT AND OUTPUT
(EIA-644)
Data Format
Serial LVDS data output
Two's complement
LVDS Inputs (CLKChX± and CNVChX±)
IOVDDChX supply domain inputs.
Common-Mode Input Voltage (VICM)
Default setting
700
1400
mV
Differential Input Voltage (VIDIFF)
Default setting
100
600
mV
LVDS Outputs (DCOChX±, DAChX±, and
DBChX±)
IOVDDChX supply domain outputs, differential
termination, load resistance (RL) = 100 Ω
Common-Mode Output Voltage (VOCM) LVDS_VOD = 001b
910
928
940
mV
LVDS_VOD = 010b (default)
832
851
867
mV
LVDS_VOD = 100b
687
706
722
mV
Differential Output Voltage (VODIFF)
LVDS_VOD = 001b
368
395
442
mV
LVDS_VOD = 010b (default)
495
530
590
mV
LVDS_VOD = 100b
720
785
860
mV
DIGITAL INPUTS (CNVChX, CSChX,
SCLKChX, and SDIChX)
VDD11ChX supply domain inputs
Input Voltage Tolerance
0
2.5
Logic Levels
Input Low Voltage (VIL)
0
0.36 × VDD11ChX
Input High Voltage (VIH)
0.92
2.5
DIGITAL INPUTS (GPIOxChX, DCSChX, and
DCLKChX)
IOVDDChX supply domain inputs
Input Voltage Tolerance
0
1.26
V
Logic Levels
VIL
0
0.36 × IOVDDChX V
VIH
0.92
IOVDDChX
V
Input Current
Input Low Current (IIL)
−1
+1
μA
Input High Current (IIH)
−1
+1
μA
Input Pin Capacitance
4.5
pF
DIGITAL OUTPUTS (GPIOxChX)
IOVDDChX supply domain outputs
Logic Levels
Output Low Voltage (VOL)
Sink current (ISINK) = 500μA
0
0.15
V
Output High Voltage (VOH)
Source current (ISOURCE) = 500μA
IOVDDChX −
0.115
IOVDDChX
V
DIGITAL OUTPUTS (SDOxChX)
IOVDDChX supply domain outputs.
Data Format
Configured as serial data output
Two's complement
Logic Levels
VOL
ISINK = 500μA
0.15
V
VOH
ISOURCE = 500μA
IOVDDChX −
0.115
IOVDDChX
V
POWER SUPPLIES
±VS
3
+VS = 5V
10
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com