Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD4884BBCZ Datasheet HTML 1Page - Analog Devices AD4884BBCZ Datasheet HTML 2Page - Analog Devices AD4884BBCZ Datasheet HTML 3Page - Analog Devices AD4884BBCZ Datasheet HTML 4Page - Analog Devices AD4884BBCZ Datasheet HTML 5Page - Analog Devices AD4884BBCZ Datasheet HTML 6Page - Analog Devices AD4884BBCZ Datasheet HTML 7Page - Analog Devices AD4884BBCZ Datasheet HTML 8Page - Analog Devices AD4884BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 116 page
background image
Data Sheet
AD4884
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 116
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Total RMS Noise
Numerically derived from dynamic range
Cfb = 0pF
80.7
μV RMS
Cfb = 220pF
53.9
μV RMS
Signal-to-Noise Ratio (SNR)
Cfb = 220pF, input frequency (fIN) = 1kHz, voltage
magnitude (VMAG) = −0.5dBFS
G = 1.03
91.9
dBFS
G = 1.25
91.8
dBFS
G = 1.53
91.8
dBFS
G = 2.03
91.8
dBFS
G = 2.74
91.7
dBFS
G = 4.11
91.6
dBFS
G = 5.77
91.4
dBFS
G = 7.02
91.2
dBFS
Cfb = 220pF, fIN = 500kHz, VMAG = −1dBFS, G = 1.03
90.9
dBFS
Cfb = 0pF, fIN = 1kHz, VMAG = −0.5dBFS
G = 1.03
87.2
88.4
dBFS
G = 2.03
87.0
87.9
dBFS
G = 5.77
85.0
86.0
dBFS
G = 7.02
85.4
dBFS
Cfb = 0pF, fIN = 500kHz, VMAG = −1dBFS, G = 1.03
87.8
dBFS
Cfb = 220pF, fIN = 1kHz, Sinc5 + compensation filter,
decimate by 8, VMAG = −0.5dBFS, G = 1.03
97.0
dBFS
Total Harmonic Distortion (THD)
Cfb = 220pF, fIN = 1kHz, VMAG = −0.5dBFS
G = 1.03
−111.0
dBc
G = 1.25
−111.2
dBc
G = 1.53
−111.1
dBc
G = 2.03
−110.3
dBc
G = 2.74
−108.1
dBc
G = 4.11
−105.6
dBc
G = 5.77
−102.2
dBc
G = 7.02
−102.4
dBc
Cfb = 220pF, fIN = 500kHz, VMAG = −1dBFS, G = 1.03
−107.8
dBc
Cfb = 0pF, fIN = 1kHz, VMAG = −0.5dBFS
G = 1.03
−108.2
−97.5
dBc
G = 2.03
−111.2
−99.5
dBc
G = 5.77
−109.0
−99.5
dBc
G = 7.02
−108.3
dBc
Cfb = 0pF, fIN = 500kHz, VMAG = −1dBFS, G = 1.03
−105.9
dBc
Signal-to-Noise and Distortion (SINAD)
Cfb = 220pF, fIN = 1kHz, VMAG = −0.5dBFS, G = 1.03
91.8
dBFS
Cfb = 220pF, fIN = 500kHz, VMAG = −1dBFS, G = 1.03
90.8
dBFS
Cfb = 0pF, fIN = 1kHz, VMAG = −0.5dBFS, G = 1.03
88.3
dBFS
Cfb = 0pF, fIN = 500kHz, VMAG = −1dBFS, G = 1.03
87.8
dBFS
Spurious-Free Dynamic Range (SFDR)
Cfb = 220pF, fIN = 1kHz, VMAG = −0.5dBFS, G = 1.03
128.4
dBFS
Cfb = 220pF, fIN = 500kHz, VMAG = −1dBFS, G = 1.03
111.9
dBFS
Cfb = 0pF, fIN = 1kHz, VMAG = −0.5dBFS, G = 1.03
125.8
dBFS
Cfb = 0pF, fIN = 500kHz, VMAG = −1dBFS, G = 1.03
111.3
dBFS
AC Power Supply Rejection
+VS
Ripple voltage = 1Vpp, f = 1kHz
112
dB
−VS
Ripple voltage = 1Vpp, f = 1kHz
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com