Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 4Page - Analog Devices AD4884BBCZ Datasheet HTML 5Page - Analog Devices AD4884BBCZ Datasheet HTML 6Page - Analog Devices AD4884BBCZ Datasheet HTML 7Page - Analog Devices AD4884BBCZ Datasheet HTML 8Page - Analog Devices AD4884BBCZ Datasheet HTML 9Page - Analog Devices AD4884BBCZ Datasheet HTML 10Page - Analog Devices AD4884BBCZ Datasheet HTML 11Page - Analog Devices AD4884BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
Data Sheet
AD4884
SPECIFICATIONS
analog.com
Rev. 0 | 8 of 116
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
−VS = −1V
VDD33
3.135
3.30
3.465
V
VDDLDO
1.4
2.7
V
VDD11ChX
Applied externally, LDO disabled
1.045
1.10
1.155
V
IOVDDChX
Applied externally, LDO disabled
1.045
1.10
1.26
V
Operating Current
LVDS_CNV_EN = 0
Static
Converters and interfaces idle, FIFO disabled
±VS
±VS = 10V
8.2
9.88
mA
VDD33
11.6
15.2
mA
VDDLDO
Both VDD11ChX LDO disabled
0.01
0.045
mA
VDD11ChX
Combined draw of both rails
34
46.5
mA
IOVDDChX
Combined draw of both rails
10.9
12.5
mA
VDDLDO
Both VDD11ChX LDO enabled
47.5
60.4
mA
Dynamic
DC input signal
±VS
±VS = 10V
10
11.4
mA
VDD33
23
25.2
mA
VDDLDO
Both VDD11ChX LDO disabled
0.01
0.049
mA
VDD11ChX
Combined draw of both rails
42
56
mA
IOVDDChX
Combined draw of both rails
16.9
19.3
mA
VDDLDO
Both VDD11ChX LDO enabled
58
72
mA
Dynamic
−0.5dBFS sine wave input signal
±VS
±VS = 10V
10
11.4
mA
VDD33
21.5
25.2
mA
VDDLDO
VDD11ChX LDO disabled
0.01
0.049
mA
VDD11ChX
Combined draw of both rails
42
56
mA
IOVDDChX
Combined draw of both rails
16.9
19.3
mA
VDDLDO
Both VDD11ChX LDO enabled
62.8
77
mA
Standby Mode
±VS
DISABLE_FDAChA = 0V, DISABLE_FDAChB = 0V, ±VS =
10V
0.07
0.14
mA
VDD33
3
3.65
mA
VDDLDO
Both VDD11ChX LDO disabled
0.01
0.045
mA
VDD11ChX
Combined draw of both rails
3.44
10.4
mA
IOVDDChX
Combined draw of both rails
0.14
0.7
mA
VDDLDO
Both VDD11ChX LDO enabled
3.64
10.5
mA
Sleep Mode
±VS
DISABLE_FDAChA = 0V, DISABLE_FDAChB = 0V, ±VS =
10V
0.07
0.13
mA
VDD33
1.38
1.72
mA
VDDLDO
Both VDD11ChX LDO disabled
0.01
0.045
mA
VDD11ChX
Combined draw of both rails
2.7
9.6
mA
IOVDDChX
Combined draw of both rails
0.12
0.69
mA
VDDLDO
Both VDD11ChX LDO enabled
2.9
9.7
mA
Power Dissipation Per Channel
Both VDD11ChX LDO disabled
+VS = 5V, −VS = −1V
For typ values: VDD33 = 3.3V, VDD11ChX = 1.1V,
IOVDDChX = 1.1V
For max values: VDD33 = 3.456V, VDD11ChX = 1.155V,
IOVDDChX = 1.26V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com