Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 70 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 70 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 66Page - Analog Devices AD4884BBCZ Datasheet HTML 67Page - Analog Devices AD4884BBCZ Datasheet HTML 68Page - Analog Devices AD4884BBCZ Datasheet HTML 69Page - Analog Devices AD4884BBCZ Datasheet HTML 70Page - Analog Devices AD4884BBCZ Datasheet HTML 71Page - Analog Devices AD4884BBCZ Datasheet HTML 72Page - Analog Devices AD4884BBCZ Datasheet HTML 73Page - Analog Devices AD4884BBCZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
Data Sheet
AD4884
DIGITAL INTERFACE
analog.com
Rev. 0 | 70 of 116
LVDS Output Differential Drive
The AD4884 LVDS interfaces support selection of the differential
output voltage from one of three predetermined differential ampli-
tudes of ±185mV p-p, ±240mV p-p, and ±325mV p-p, assuming
a termination resistance of 100Ω across the differential pair. The
output common-mode voltage of the LVDS driver is adjusted for
each selection automatically to ensure that the peak output voltage
remains within the IOVDDChX rail. The default setting is a differen-
tial amplitude of ±240mV p-p. The output differential voltage can
be independently configured for each channel by writing to the
LVDS_VOD bits of the corresponding ADC Data Interface Config-
uration C register (see the ADC Data Interface Configuration C
Register section, Address 0x17).
Data Interface Test Function
Regardless of the selected output configuration, the AD4884 is
equipped with an interface check function that is enabled by setting
the INTF_CHK_EN bit in the Data Interface Configuration A register
(see the ADC Data Interface Configuration A Register section,
Address 0x15).
The interface check function forces the data interface to output
a fixed, 16-bit pattern, which facilitates verification of the integrity
of the data interface physical layer, including device pads, PCB
interconnect, and the host interface connections. By enabling this
built-in test function, access to ADC conversion results is suspend-
ed, therefore, only use this function either at power-up or during
an idle period when conversion results are not required for normal
system function.
For more details, see the ADC Result Latency and LVDS Interface
Alignment section.
SPI DATA INTERFACE
SPI Data Interface Configuration
For applications that do not require the interface bandwidth of the
LVDS interface, such as when using asynchronous capture into the
result FIFO, the data interface of any channel can be reconfigured
into a single or quad lane, SPI data interface. In this configuration,
the channel outputs its data on either one or four CMOS data
lanes simultaneously at serial clock rates up to 50MHz. The result
data is shifted out serially on the falling edge of the interface clock
(DCLKChX). In SPI configuration, the channel results can be read
at an effective interface rate of up to 200MHz when using four SPI
lanes.
The SPI data interface for a channel is activated by setting the
DATA_INTF_MODE bit from its Data Interface Configuration A
register to 1 (see the ADC Data Interface Configuration A Register
section, Address 0x15). Once the data interface is configured
for SPI mode, the LVDS drivers are automatically disabled, includ-
ing the echo clock output (DCO+ChX and DCO−ChX), preventing
contention between LVDS and CMOS functions. As a result, the
LVDS_SELF_CLK_MODE and LVDS_VOD settings no longer effect
the operation of the data interface and can be left at their power-on
defaults or another convenient value. Because the driver is disa-
bled, the DCO+ChX and DCO−ChX output pins can, therefore, be left
disconnected in the hardware design as these pins are unused.
As detailed in Table 22, the following LVDS pins are reconfigured as
CMOS input or outputs to realize the SPI data interface.
Table 22. LVDS/SPI Data Interface Pins Crossreference
LVDS Pin
CMOS Pin
Function
CLK+ChX
DCLKChX
Data interface clock input
CLK−ChX
DCS ChX
Data interface chip select (active low) input
DA+ChX
SDOAChX
Serial Data Output A
DA−ChX
SDOBChX
Serial Data Output B
DB+ChX
SDOCChX
Serial Data Output C
DB−ChX
SDODChX
Serial Data Output D
As with LVDS configuration mode, SPI configuration selection al-
lows control of the number of active lanes. For SPI data interface
configuration, the user has the option to configure single lane SPI
or quad lane SPI.
SPI Active Data Lane Count
The SPI data interfaces can be configured to output the result
data on either one or four data lanes, which is controlled by the
SPI_LVDS_LANES bit in the ADC Interface Configuration A register
of each channel (see the ADC Data Interface Configuration A
Register section, Address 0x15). By default, this bit is set to 0 (one
lane active), and can be set to 1 to use four data lanes. Note that
this bit also sets the number of active data lanes for the LVDS
interface. The data order and pin assignment to the serial data
output (SDOxChX) pins is detailed in Table 23, and shown in Figure
124.
Table 23. SPI Data Lane(s) Data Order and Pin Assignment
Serial Data Output Pin
Output Data Order
One Active SPI Lane
(SPI_LVDS_LANES = 0)
Four Active SPI Lanes
(SPI_LVDS_LANES = 1)
SDOAChX
Not applicable
SDO 3
SDOBChX
SDO 0
SDO 2
SDOCChX
Not applicable
SDO 1
SDODChX
Not applicable
SDO 0
Data Interface CRC
To ensure the integrity of the result data, a CRC is appended
to the FIFO results. This CRC is always enabled and appended.
The computation of the result checksum is independent of that of
the configuration interface. The result is 24 bits in length and is
appended to each data result record acquired from the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com