Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 1 Page - Analog Devices

  AD4884BBCZ Datasheet HTML 1Page - Analog Devices AD4884BBCZ Datasheet HTML 2Page - Analog Devices AD4884BBCZ Datasheet HTML 3Page - Analog Devices AD4884BBCZ Datasheet HTML 4Page - Analog Devices AD4884BBCZ Datasheet HTML 5Page - Analog Devices AD4884BBCZ Datasheet HTML 6Page - Analog Devices AD4884BBCZ Datasheet HTML 7Page - Analog Devices AD4884BBCZ Datasheet HTML 8Page - Analog Devices AD4884BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
Data Sheet
AD4884
Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
|
Tel: 781.935.5565
|
©2026 Analog Devices, Inc. All rights reserved.
FEATURES
►
Integrated fully-differential ADC drivers
►
Wide input common-mode voltage range
►
High common-mode rejection
►
Single-ended to differential conversion
►
Gain options include: 1.03, 1.25, 1.53, 2.03, 2.74, 4.11, and 5.77
►
Integrated gain-setting resistors
►
High performance
►
16-bit resolution, no missing codes
►
Throughput: 20MSPS per channel
►
Conversion latency: 78.13ns
►
INL: ±5ppm (typical), ±12ppm (maximum)
►
SNR/THD
►
91.9dBFS (typical)/−111.0dBc (typical) at fIN = 1kHz
►
90.9dBFS (typical)/−107.8dBc (typical) at fIN = 500kHz
►
Noise spectral density: −158.4dBFS/Hz
►
Low power
►
97.9mW per channel typical at 20MSPS
►
Integrated, low-drift reference buffers and decoupling
►
Integrated VCM generation
►
Digital features and data interface
►
Conversion result FIFO, 16k samples per channel
►
Digital averaging filter with up to 210 decimation
►
SPI configuration per channel
►
Configurable data interface per channel
►
Single lane, DDR, serial LVDS, 320Mbps per lane
►
Dual lane, DDR, serial LVDS, 160Mbps per lane
►
Single/quad lane SPI data interface
►
Package
►
196-ball, 10mm x 10mm CSP_BGA, 0.65mm pitch
►
Integrated supply decoupling capacitors
►
Operating temperature range: −40°C to +85°C
APPLICATIONS
►
Digital imaging
►
Cell analysis
►
Spectroscopy
►
High-speed data acquisition
►
Digital control loops, hardware in the loop
►
Power quality analysis
►
Source measurement units
►
Nondestructive test
GENERAL DESCRIPTION
The AD4884 is a dual-channel, low noise, low power, high-speed,
16-bit, successive approximation register (SAR) analog-to-digital
converter (ADC) with integrated fully-differential drivers (FDA) and
gain-setting resistors. The two channels can be sampled either
simultaneously or independently, which offers flexibility for a wide
range of applications.
The integration of the ADC drivers, low drift reference buffers, low
dropout (LDO) regulators along with all critical decoupling capaci-
tors greatly simplifies analog front-end design challenges. Specified
performance is easier to achieve, which requires a simpler and
more compact printed circuit board (PCB) layout.
Optimized for input signals up to 1MHz, the AD4884 delivers low
noise and exceptional linearity at remarkably low power consump-
tion, which makes it ideal for many precision data acquisition
systems.
Anti-aliasing filter requirements can be relaxed by taking advantage
of the high sample rate to oversample, then apply integrated digital
filtering and decimation to reduce noise and deliver an increase
in dynamic range for applications where ultra-low latency is not
required.
The AD4884 features a SAR architecture that results in a conver-
sion latency of just 78.13ns. Therefore, it is a good fit for wide band-
width applications that have multiplexed input signals, applications
that require extremely low latency, or both. Such high throughput
and low-latency applications can benefit from the two independent,
multilane low-voltage differential signaling (LVDS) interfaces. Alter-
natively, the load on the digital host can be eased by storing the
captured data in the on-chip, 16k samples per channel, first in,
first out (FIFO) memory, then asynchronously accessing it via the
serial-peripheral interface (SPI) data interfaces.
TYPICAL APPLICATION DIAGRAM
Figure 1. AD4884 Typical Application Diagram


Podobny numer części - AD4884BBCZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD484M1644VTA ETC-AD484M1644VTA Datasheet
85Kb / 20P
Ascend Semiconductor Corporation(64Mb SDRAM)
AD484M1644VTA-10I ETC-AD484M1644VTA-10I Datasheet
85Kb / 20P
Ascend Semiconductor Corporation(64Mb SDRAM)
AD484M1644VTA-10L ETC-AD484M1644VTA-10L Datasheet
85Kb / 20P
Ascend Semiconductor Corporation(64Mb SDRAM)
AD484M1644VTA-10LI ETC-AD484M1644VTA-10LI Datasheet
85Kb / 20P
Ascend Semiconductor Corporation(64Mb SDRAM)
AD484M1644VTA-15 ETC-AD484M1644VTA-15 Datasheet
85Kb / 20P
Ascend Semiconductor Corporation(64Mb SDRAM)
More results

Podobny opis - AD4884BBCZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2271 LINER-LTC2271_15 Datasheet
405Kb / 24P
16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
Channel, 16-Bit, 45 MSPS Analog Front End
ADS8686S TI1-ADS8686S Datasheet
1Mb / 98P
ADS8686S 16-Channel, 16-Bit, 1-MSPS, Dual, Simultaneous Sampling ADC With Integrated Analog Front-End
logo
Analog Devices
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com