Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 88 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 88 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 84Page - Analog Devices AD4884BBCZ Datasheet HTML 85Page - Analog Devices AD4884BBCZ Datasheet HTML 86Page - Analog Devices AD4884BBCZ Datasheet HTML 87Page - Analog Devices AD4884BBCZ Datasheet HTML 88Page - Analog Devices AD4884BBCZ Datasheet HTML 89Page - Analog Devices AD4884BBCZ Datasheet HTML 90Page - Analog Devices AD4884BBCZ Datasheet HTML 91Page - Analog Devices AD4884BBCZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 116 page
background image
Data Sheet
AD4884
DIGITAL FEATURES
analog.com
Rev. 0 | 88 of 116
Filter Result Ready Indicator
Setting the GPIO_x_SEL bits to 0011 configures the GPIO to output
the FILTER_RESULT_RDY signal, which is an active low logic
signal that indicates to the host controller when each new filter
result from the channel is complete. When LVDS is used to directly
read out the filter results, this indicator can alert the user when each
new filtered conversion result is available to read via the interface.
Filter Interface Timing Considerations
Continuous access to filtered data results of a channel is available
only through its LVDS data interface. SPI data interface access
to filtered results is only made via the FIFO. The timing consider-
ations, in this case, are described in the Filter Interface Timing
Considerations when Using the FIFO section. For use with the
LVDS data interface, it is recommended to use a GPIO, configured
with the appropriate GPIO_x_SEL (0011) to output the filter result
ready (active low) signal, as shown in the example Figure 133
timing diagram.
Filter Interface Timing Considerations when
Using the FIFO
Figure 135 serves as an example to show the sequence of events
in this mode of operation. This example shows a sinc1 filter with a
decimate by 2 setting, where three results (that is, WATERMARK
= 3) are configured to be stored in the FIFO. When using the
integrated digital filters with the FIFO, the filter must be reset prior
to each FIFO acquisition record. This reset must be given on the
first CNVChX rising edge, where the FILTER_SYNC signal must
be brought low at least 15ns prior to the CNVChX edge and then
released at least 5ns before the next rising edge. The first ADC
result is ready tMSB after the second CNVChX rising edge. This first
ADC result is latched into the filter on the third CNVChX rising edge.
The fourth CNVChX rising edge latches the second ADC result into
the digital filter. On the fifth rising edge, the first decimate by 2
result is complete, which is indicated by the FILTER_READY signal
going active on the fifth rising edge. This first filtered result is
loaded into the FIFO on the sixth CNVChX rising edge. Because
this example uses WATERMARK = 3, when three filtered (that is,
six core ADC results, decimated by 2) results are loaded to the
FIFO, the WATERMARK is reached, and FIFO_FULL is asserted
to indicate to the user that a FIFO record is available to read via
the configured data interface (that is, the LVDS data lane(s) of the
SPI data lane(s)). To initiate a subsequent FIFO record acquisition
of the filtered ADC results, the user must start the whole sequence
over, beginning again with the reset of the digital filter by bringing
the FILTER_SYNC signal low on the first rising edge of CNVChX.
Figure 135. Description of Filter Timing with FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com