Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 84 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 84 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 80Page - Analog Devices AD4884BBCZ Datasheet HTML 81Page - Analog Devices AD4884BBCZ Datasheet HTML 82Page - Analog Devices AD4884BBCZ Datasheet HTML 83Page - Analog Devices AD4884BBCZ Datasheet HTML 84Page - Analog Devices AD4884BBCZ Datasheet HTML 85Page - Analog Devices AD4884BBCZ Datasheet HTML 86Page - Analog Devices AD4884BBCZ Datasheet HTML 87Page - Analog Devices AD4884BBCZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 116 page
background image
Data Sheet
AD4884
DIGITAL FEATURES
analog.com
Rev. 0 | 84 of 116
DIGITAL FILTER
Each AD4884 channel includes the option of enabling its integrated
digital filter for applications where noise rejection by bandwidth
limiting is required. As shown in Figure 132 and detailed as follows,
there are four paths available by which to route digital data: no
digital filtering, a sinc1 filter, a sinc5 filter, or a sinc5 compensated
filter.
Further details on each of these filters are described in the following
sections. To ensure the first filter result produces the correct data,
when a user makes a change to the filter selection, a reset must
be issued via the GPIO pin configured for filter synchronization
(FILTER_SYNC).
Figure 132. Digital Filter Selection Options
Benefits of Digital Filtering
The ADC result path of each channel can be configured to use
the integrated digital filter feature. The filter configuration register
(see the Filter Configuration Register section, Address 0x29) con-
tains the FILTER_SEL bits that allow the user to bypass (default
register setting) the digital filter or select from one of three filter
options. Each filter has unique bandwidth profile properties, which
allows high flexibility in allowing selection to be made depending
on the end application requirements. Table 28 shows the −3dB
bandwidths achievable for each user-selectable filter type. The
SINC_DEC_RATE bits controls the bandwidth and the data decima-
tion factor.
These filters allow the user to programmatically control the noise
bandwidth of their signal chain and also can offer benefits by reduc-
ing the amount of filtering required in the analog front end, while
offering dynamic range improvement without the need for additional
components. The digital filter response sections have additional
details on the different filter profiles that include the following:
►
Sinc1 has a wider bandwidth but is not optimized for pass-band
flatness.
►
Sinc5 has a flatter pass-band response, however, with a reduced
bandwidth.
►
Sinc5 + compensation is a filter highly optimized to give excellent
pass-band flatness with a ripple within ±0.1dB.
Table 28. Filter Bandwidth
Filter Type
SINC_DEC_RATE
Decimation
−3dB Bandwidth
Sinc1
0000
2
0.25 × fS
Sinc1
0001
4
0.114 × fS
Sinc1
0010
8
0.056 × fS
Sinc1
0011
16
0.028 × fS
Sinc1
0100
32
0.014 × fS
Sinc1
0101
64
0.007 × fS
Sinc1
0110
128
0.0035 × fS
Sinc1
0111
256
0.0017 × fs
Sinc1
1000
512
0.0009 × fS
Sinc1
1001
1024
0.0004 × fS
Sinc5
0000
2
0.117 × fS
Sinc5
0001
4
0.0525 × fS
Sinc5
0010
8
0.0256 × fS
Sinc5
0011
16
0.0127 × fS
Sinc5
0100
32
0.0064 × fS
Sinc5
0101
64
0.0032 × fS
Sinc5
0110
128
0.0016 × fS
Sinc5
0111
256
0.0008 × fS
Sinc5 + Compensation
0000
4
0.1015 × fS
Sinc5 + Compensation
0001
8
0.0506 × fS
Sinc5 + Compensation
0010
16
0.0253 × fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com