Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 18 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 18 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 14Page - Analog Devices AD4884BBCZ Datasheet HTML 15Page - Analog Devices AD4884BBCZ Datasheet HTML 16Page - Analog Devices AD4884BBCZ Datasheet HTML 17Page - Analog Devices AD4884BBCZ Datasheet HTML 18Page - Analog Devices AD4884BBCZ Datasheet HTML 19Page - Analog Devices AD4884BBCZ Datasheet HTML 20Page - Analog Devices AD4884BBCZ Datasheet HTML 21Page - Analog Devices AD4884BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 116 page
background image
Data Sheet
AD4884
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 18 of 116
Unless otherwise noted, TA = 25°C, fS = 20MSPS, G = 1.03, +VS = 5V, −VS = −1V, VDD33 = 3.3V, VDDLDO not connected, IOVDDChX = 1.1V,
VDD11ChX = 1.1V, differential input drive with 1.5V common mode, external FDA feedback capacitors (Cfb) = 220pF, and digital filters disabled.
Figure 4. INL vs. Output Code, Differential Input Drive
Figure 5. INL vs. Output Code, Single-Ended Input Drive
Figure 6. INL vs. Gain
Figure 7. INL vs. Gain for Various FDA Supply Spans
Figure 8. DNL vs. Output Code
Figure 9. Histogram of Output Codes, Sinc1 Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com