Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 15 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 15 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 11Page - Analog Devices AD4884BBCZ Datasheet HTML 12Page - Analog Devices AD4884BBCZ Datasheet HTML 13Page - Analog Devices AD4884BBCZ Datasheet HTML 14Page - Analog Devices AD4884BBCZ Datasheet HTML 15Page - Analog Devices AD4884BBCZ Datasheet HTML 16Page - Analog Devices AD4884BBCZ Datasheet HTML 17Page - Analog Devices AD4884BBCZ Datasheet HTML 18Page - Analog Devices AD4884BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 116 page
background image
Data Sheet
AD4884
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 15 of 116
Table 6. Pin Function Descriptions (Continued)
Pin Number
Mnemonic
Type1
Description
All pins specified as type DI, DO, or DI/O must use this ground reference.
K7
IOVDDChB
P
Channel B ADC 1.1V Digital Interface Supply Rail. This supply is internally decoupled by a 220nF
capacitor to IOGND.
When power is supplied to VDDLDO (H6, H13), an internal LDO voltage regulator produces the 1.1V
required at this pin. The voltage regulator is automatically powered on when VDDLDO is driven with a
voltage between 1.4V and 2.7V.
If VDDLDO is left disconnected, the required 1.1V must be supplied to this pin from an external source
(typically the host controller interface supply).
K14
IOVDDChA
P
Channel A ADC 1.1V Digital Interface Supply Rail. This supply is internally decoupled by a 220nF
capacitor to IOGND.
When power is supplied to VDDLDO (H6, H13), an internal LDO voltage regulator produces the 1.1V
required at this pin. The voltage regulator is automatically powered on when VDDLDO is driven with a
voltage between 1.4V and 2.7V.
If VDDLDO is left disconnected, the required 1.1V must be supplied to this pin from an external source
(typically the host controller interface supply).
L2, L9, M2, M9
REFIN
AI
3.0V Reference Voltage Input for ADCs. These pins must be shorted externally.
L6, L7
CNV+ChB, CNV−ChB
DI
Channel B ADC Convert Start Inputs. This pin pair serves as the conversion control input, a conversion is
initiated on the rising edge of the convert signal.
These inputs are by default configured in complementary metal-oxide semiconductor (CMOS) mode, in
which CNV−ChB must be connected to IOGND and the convert signal is applied to CNV+ChB. In the LVDS
data interface mode, the convert start input can be optionally configured in LVDS mode, in which case, the
convert signal is applied differentially to CNV+ChB and CNV−ChB and an external 100Ω termination resistor
must be placed across these pins. For more details, see the ADC Conversion Control section.
L13, L14
CNV+ChA, CNV−ChA
DI
Channel A ADC Convert Start Inputs. This pin pair serves as the conversion control input, a conversion is
initiated on the rising edge of the convert signal.
These inputs are by default configured in CMOS mode, in which CNV−ChA must be connected to IOGND
and the convert signal is applied to CNV+ChA. In the LVDS data interface mode, the convert start input
can be optionally configured in LVDS mode, in which case, the convert signal is applied differentially to
CNV+ChA and CNV−ChA and an external 100Ω termination resistor must be placed across these pins. For
more details, see the ADC Conversion Control section.
M6
CLK+ChB/DCLKChB
DI
Channel B ADC Data Interface Clock Multifunction Pin.
In LVDS data interface mode (default), this pin serves as half of the differential data clock input, and an
external 100Ω termination resistor must be present between it and the CLK−ChB pin.
In SPI data interface mode, the single-ended data clock signal must be applied to this pin.
M7
CLK−ChB/DCSChB
DI
Channel B ADC Data Interface Clock Input (CLK−ChB)/Data Interface Chip-Select (DCSChB) Multifunction
Pin.
In LVDS data interface mode (default), this pin serves as half of the differential data clock input, and an
external 100Ω termination resistor must be present between it and the CLK+ChB pin.
In SPI data interface mode, this pin functions as a chip-select input (data interface chip-select).
M13
CLK+ChA/DCLKChA
DI
Channel A ADC Data Interface Clock Multifunction Pin.
In LVDS data interface mode (default), this pin serves as half of the differential data clock input, and an
external 100Ω termination resistor must be present between it and the CLK−ChA pin.
In SPI data interface mode, the single-ended data clock signal must be applied to this pin.
M14
CLK−ChA/DCSChA
DI
Channel A ADC Data Interface Clock Input (CLK−ChA)/Data Interface Chip-Select (DCSChA) Multifunction
Pin.
In LVDS data interface mode (default), this pin serves as half of the differential data clock input, and an
external 100Ω termination resistor must be present between it and the CLK+ChA pin.
In SPI data interface mode, this pin functions as a chip-select input (data interface chip-select).
N1
GPIO0ChB
DI/O
Channel B ADC General-Purpose Input and Output 0 Pin.
By default, this pin is enabled as an output and functioning as Channel B Configuration SPI SDO.
N2
GPIO1ChB
DI/O
Channel B ADC General-Purpose Input and Output 1 Pin.
N3
GPIO2ChB
DI/O
Channel B ADC General-Purpose Input and Output 2 Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com