Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 92 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 92 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 88Page - Analog Devices AD4884BBCZ Datasheet HTML 89Page - Analog Devices AD4884BBCZ Datasheet HTML 90Page - Analog Devices AD4884BBCZ Datasheet HTML 91Page - Analog Devices AD4884BBCZ Datasheet HTML 92Page - Analog Devices AD4884BBCZ Datasheet HTML 93Page - Analog Devices AD4884BBCZ Datasheet HTML 94Page - Analog Devices AD4884BBCZ Datasheet HTML 95Page - Analog Devices AD4884BBCZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
Data Sheet
AD4884
LAYOUT GUIDELINES
analog.com
Rev. 0 | 92 of 116
The AD4884 includes all critical bypass capacitors within the device
package, which along with the integration of the FDAs greatly
reduces the layout challenge for a precision, high-speed converter.
The integrated capacitors are optimally placed within the device
package to ensure that maximum performance is easily obtained.
However, as with any precision mixed signal device, a user must
take care in system device placement to ensure that there is proper
partitioning of the critical analog signal chain component routing
and routing of the high-speed digital signals to prevent unwanted
coupling effects.
Note the following layout considerations:
►
The summing junction pins (SJ±ChX) and output pins (OUT±ChX)
of the FDA must be treated carefully because of their sensitivity.
Most applications will benefit from restricting the bandwidth of the
FDA by the placement of external capacitors (Cfb) across these
pins, in parallel to the internal 2.7pF ones. These capacitors
must be placed on the bottom layer right below the connection
points to minimize trace inductance, as even relatively small
parasitics can potentially degrade the characteristics of the FDA.
Unnecessary trace stubs should be avoided for these sensitive
nodes.
►
The AD4884 contains internal decoupling on all power supplies,
AVDD33 (0.47μF), VDD11ChA and VDD11ChB (1.88μF each),
IOVDDChA and IOVDDChB(0.22μF each), VDDLDO (0.22μF), +VS
(0.44μF) and −VS (0.44μF). Therefore, no external bypass ca-
pacitors are required, saving board space and reducing bill of
material (BOM) count and sensitivity.
►
Ensure good partitioning of analog and digital domain signals
within the design by, for example, having all analog signals in
from the left-hand side and keeping dynamic digital signals on
the right-hand side.
►
Have a solid ground plane under the AD4884 and connect all
analog ground (GND) pins, reference ground (REFGND), and
digital ground (IOGND) pins to this shared plane.
►
Recommended connections of ground (GND), reference ground
(REFGND), and digital ground (IOGND) connections are shown
in Figure 144. It is recommended not to keep the current return
path of the reference IC in the same current loop as the current
return loop from other circuitry on the PCB. Connect the refer-
ence local star point to the ADC star point ground on the top
layer of the PCB, as shown in Figure 144.
►
For the side view cross-section of the PCB board showing the
ground planes distribution, see Figure 145. Note that Figure 145
only shows the ground planes but does not include the signal
tracks.
Figure 144. AD4884 External Reference Ground Connections
Figure 145. Recommended PCB Ground Planes Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com