Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 49 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 49 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 45Page - Analog Devices AD4884BBCZ Datasheet HTML 46Page - Analog Devices AD4884BBCZ Datasheet HTML 47Page - Analog Devices AD4884BBCZ Datasheet HTML 48Page - Analog Devices AD4884BBCZ Datasheet HTML 49Page - Analog Devices AD4884BBCZ Datasheet HTML 50Page - Analog Devices AD4884BBCZ Datasheet HTML 51Page - Analog Devices AD4884BBCZ Datasheet HTML 52Page - Analog Devices AD4884BBCZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
Data Sheet
AD4884
DIGITAL INTERFACE
analog.com
Rev. 0 | 49 of 116
Figure 88. SPI Data Interface Data Path Options (Shown for One Channel)
Additional features specific to the selected interface format are also
available and are described in the LVDS Data Interface and the SPI
Data Interface sections.
SPI CONFIGURATION INTERFACE
All serial transactions between the system host and each AD4884
channel configuration registers are executed using their respective
configuration SPI interfaces. Each serial transaction consists of
at least one instruction phase during which the desired memory
operation, that is, read or write, and the starting address for the
transaction are transmitted to the AD4884 channel. The instruction
phase is immediately followed by a data transaction phase during
which one or more bytes of information is exchanged between
the host and the AD4884 channel. This content is framed by a
continuous assertion of the interface chip select ( CSChX ) as shown
in the generic timing presented in Figure 89 and Figure 90.
Figure 89. Generic SPI Configuration Frame, CRC Disabled
Figure 90. Generic SPI Configuration Write Operation, CRC Enabled
SPI Register Interface
Each AD4884 channel has its own independent configuration regis-
ter interface in the form of an SPI that enables both configuration
and status monitoring. Each interface is configured for 4-wire,
full-duplex operation. Dedicated interface pins for the interface
chip select (CSChX), serial clock (SCLKChX), and serial data input
(SDIChX) are intended for direct connection to the host controller.
By default, at power-up or after a software reset, the configuration
interface SDO function is enabled and assigned to the GPIO0ChX
pin.
The configuration interface timing convention is consistent with SPI
Mode 3 (clock polarity CPOL = 1, clock phase CPHA = 1). As such,
the serial clock (SCLKChX) is expected to idle high and the state
of the data pins, SDIChX and SDOChX, are updated on the falling
(leading) edge of the clock such that these pin can be sampled
on the subsequent rising (trailing) edge. For more details regarding
the SPI and SPI modes, refer to the Introduction to SPI Interface
article .
Each memory access controller associated with the SPI register
interfaces supports a number of user-programmable options acces-
sible through its respective interface configuration memory space
(Address 0x00 to Address 0x11). The available options are listed
and described in Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com