Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 4 Page - Analog Devices

  AD4884BBCZ Datasheet HTML 1Page - Analog Devices AD4884BBCZ Datasheet HTML 2Page - Analog Devices AD4884BBCZ Datasheet HTML 3Page - Analog Devices AD4884BBCZ Datasheet HTML 4Page - Analog Devices AD4884BBCZ Datasheet HTML 5Page - Analog Devices AD4884BBCZ Datasheet HTML 6Page - Analog Devices AD4884BBCZ Datasheet HTML 7Page - Analog Devices AD4884BBCZ Datasheet HTML 8Page - Analog Devices AD4884BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 116 page
background image
Data Sheet
AD4884
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 116
VDD33 = 3.3V ± 5%, VDDLDO = 1.4V to 2.7V, VDD11ChA = VDD11ChB = 1.1V ± 5%, IOVDDChA = IOVDDChB = 1.1V − 5% to 1.2V + 5%, voltage
reference input (VREFIN) = 3.0V, +VS = 5V ± 5%, −VS = −1V ± 5%, sampling frequency (fS) = 20MHz, differential input drive with 1.5V common
mode. Unless otherwise noted, TA = TMIN to TMAX, Gain (G) = 1.03, no external FDA feedback capacitors (Cfb = 0pF).
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Input Impedance
Differential drive configuration1
G = 1.03, IN1+ChX to IN1−ChX
1460
Ω
G = 1.25, IN1+ChX to IN1−ChX
1200
Ω
G = 1.53, IN1+ChX to IN1−ChX
980
Ω
G = 2.03, IN1+ChX to IN1−ChX
740
Ω
G = 2.74, IN2+ChX to IN2−ChX
548
Ω
G = 4.11, IN2+ChX to IN2−ChX
365
Ω
G = 5.77, IN1+ChX to IN1−ChX
260
Ω
Input Capacitance
IN1+ChX to IN1−ChX
4
pF
IN2+ChX to IN2−ChX
8
pF
IN3+ChX to IN3−ChX
10
pF
SJ+ChX to SJ−ChX
13
pF
Differential Input Voltage Range (VIN)
VIN = ±3V/Gain
G = 1.03
±2.91
V
G = 2.03
±1.48
V
G = 5.77
±0.52
V
FDA Input Common-Mode Voltage (VCM)
Functional Range
At FDA pins SJ+ChX, SJ−ChX
−VS
+VS − 1.3
V
DC ACCURACY
No Missing Codes
16
Bits
Differential Nonlinearity (DNL)
±0.15
±0.25
LSB
Integral Nonlinearity (INL)
Cfb = 0pF (full signal bandwidth)
±5
±12
ppm
Cfb = 220pF (<1MHz signal bandwidth)
±6
ppm
Transition Noise
Numerically derived from dynamic range
Cfb = 0pF
0.88
LSB RMS
Cfb = 220pF
0.59
LSB RMS
Gain Error
TA = 25°C
0.2
%FS
Gain Error Drift
TA = −40°C to +85°C
16
ppm/°C
Zero Error
TA = 25°C
−30
μV
Zero Error Drift
TA = −40°C to +85°C
0.7
ppm/°C
DC Power Supply Rejection
+VS
−95
dB
−VS
−97
dB
VDD33
−90
dB
VDD11ChA, VDD11ChB
−75
dB
Low Frequency Noise
Bandwidth = 0.1Hz to 10Hz
310
nV RMS
AC PERFORMANCE
Dynamic Range
Shorted input test
Cfb = 0pF
88.4
dBFS
Cfb = 220pF
91.9
dBFS
Noise Spectral Density (NSD)
Numerically derived from dynamic range, Cfb = 0pF
Logarithmic units
−158.4
dBFS/Hz
Linear units
25.5
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com