Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 46 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 46 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 42Page - Analog Devices AD4884BBCZ Datasheet HTML 43Page - Analog Devices AD4884BBCZ Datasheet HTML 44Page - Analog Devices AD4884BBCZ Datasheet HTML 45Page - Analog Devices AD4884BBCZ Datasheet HTML 46Page - Analog Devices AD4884BBCZ Datasheet HTML 47Page - Analog Devices AD4884BBCZ Datasheet HTML 48Page - Analog Devices AD4884BBCZ Datasheet HTML 49Page - Analog Devices AD4884BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
Data Sheet
AD4884
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 46 of 116
The example shows echo clock mode being used, which aids
in data alignment for the host controller (in the case a field-pro-
grammable gate array (FPGA)). When both channels are clocked
simultaneously, it is also feasible to use a single DCO±ChX pair
to synchronize the two data interfaces. In self clock mode, where
DCO±ChX are not available for alignment, the ADC Result La-
tency and LVDS Interface Alignment section describes how the
INTF_CHK_EN bit (Address 0x15, Bit 4) can be enabled to help
align the host controller to data and to mitigate against any system
propagation delays.
Figure 83. Single Lane, LVDS Data Interface Clocking Example
Figure 84. Dual Lane, LVDS Data Interface Clocking Example
In cases where the SPI data interface (see the SPI Data Interface
section) is used to access conversion results from the result
FIFO (see the Result FIFO section) again, it is important that
the CNV±ChX source jitter is carefully considered to achieve the
required performance. In the case shown in the SPI data interface
clocking example (see Figure 85) , an oscillator directly provides
the conversion clock to both channels, and the data is asynchro-
nously clocked from the FIFO by a microcontroller unit (MCU).
Optionally, as shown in Figure 85, the general-purpose input and
output pins can be configured to control the result FIFO operation
(see the GPIO Pins section and the Result FIFO section).
Figure 85. SPI Data Interface Clocking Example, x2 SPI Ports
Figure 86. SPI Data Interface Clocking Example, Shared SPI Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com