Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 65 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 65 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 61Page - Analog Devices AD4884BBCZ Datasheet HTML 62Page - Analog Devices AD4884BBCZ Datasheet HTML 63Page - Analog Devices AD4884BBCZ Datasheet HTML 64Page - Analog Devices AD4884BBCZ Datasheet HTML 65Page - Analog Devices AD4884BBCZ Datasheet HTML 66Page - Analog Devices AD4884BBCZ Datasheet HTML 67Page - Analog Devices AD4884BBCZ Datasheet HTML 68Page - Analog Devices AD4884BBCZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 116 page
background image
Data Sheet
AD4884
DIGITAL INTERFACE
analog.com
Rev. 0 | 65 of 116
Self Clock Mode
In LVDS data interface mode, it is possible to disable the DCO+ChX
and DCO−ChX echo clock output (see the Echo Clock Mode sec-
tion) by setting LVDS_SELF_CLK_MODE = 1 in the ADC Data
Interface Configuration B register (see the ADC Data Interface
Configuration B Register section, Address 0x16). This setting puts
the device in self clock mode disabling the DCO+ChX and DCO−ChX
output driver, with the benefit of saving interface power as well
as reducing the number of LVDS pairs required to interface with
the host controller. In this mode, the DCO+ChX and DCO−ChX pins
can be left disconnected, therefore, in single-lane configurations,
a minimum of two LVDS pairs (CLK+ChX and CLK−ChX, DA+ChX
and DA−ChX) are required to connect to each AD4884 instance.
The interface connectivity can further be simplified by sharing the
interface clock (CLK+ChX and CLK−ChX) between multiple AD4884
instances.
Figure 112. Continuous Conversion Timing, LVDS Data Interface, Single Data Lane, Self Clock Mode
Figure 113. Continuous Conversion Timing, LVDS Data Interface, Dual Data Lane, Self Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com