| Zakładka z wyszukiwarką danych komponentów |
|
AD4884BBCZ Arkusz danych(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4884BBCZ Arkusz danych(HTML) 17 Page - Analog Devices |
|
17 / 116 page ![]() Data Sheet AD4884 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS analog.com Rev. 0 | 17 of 116 Table 6. Pin Function Descriptions (Continued) Pin Number Mnemonic Type1 Description P5 DCO+ChB DO Channel B ADC LVDS Echo Clock Positive Output. This output pin, along with DCO−ChB, outputs a buffered and delayed version of CLK+ChB and CLK−ChB. Data outputs from LVDS Data Lanes (DA±ChB and DB±ChB, if active) are clocked out in alignment with both rising and falling edges of DCO+ChB and DCO−ChB. If the echo clock mode is disabled, these pins can be left unconnected. P6 DA+ChB/SDOAChB DO Channel B ADC Data Interface Output Multifunction Pin. In LVDS data interface mode (default), this output pin along with DA−ChB serves as the primary LVDS Data Lane A. In SPI data interface mode, this pin functions as Serial Data Output A (SDOAChB), which is active in a 4-lane configuration only. Result data is shifted out of this pin on the falling edge of the data interface clock (DCLKChB). This pin must left unconnected if not being used. P7 DA−ChB/SDOBChB DO Channel B ADC Data Interface Output Multifunction Pin. In LVDS data interface mode (default), this output pin along with DA+ChB serves as the primary LVDS Data Lane A. In SPI data interface mode, this pin functions as Serial Data Output B (SDOBChB), which is active in a 4-lane configuration only. Result data is shifted out of this pin on the falling edge of the data interface clock (DCLKChB). This pin must left unconnected if not being used. P9 SCLKChA DI Channel A ADC Configuration Interface Serial Data Clock. This clock input is used to shift data into and out of the device configuration memory. P10 SDIChA DI Channel A ADC Configuration Interface Serial Data Input. Data is shifted into this input on the rising edge of the serial data clock, SCLKChA. P11 CS ChA DI Channel A ADC Configuration Interface Chip-Select Input (Active Low). The CSChA input frames serial data transfers over the Configuration SPI. P12 DCO+ChA DO Channel A ADC LVDS Echo Clock Positive Output. This pin, along with DCO−ChB, outputs a buffered and delayed version of CLK+ChA and CLK−ChA. Data outputs from LVDS Data Lanes (DA±ChA and DB±ChA, if active) are clocked out in alignment with both rising and falling edges of DCO+ChA and DCO−ChA. If the echo clock mode is disabled, these pins can be left unconnected. P13 DA+ChA/SDOAChA DO Channel A ADC Data Interface Output Multifunction Pin. In LVDS data interface mode (default), this output pin along with DA−ChA serves as the primary LVDS Data Lane A. In SPI data interface mode, this pin functions as Serial Data Output A (SDOAChA), which is active in a 4-lane configuration only. Result data is shifted out of this pin on the falling edge of the data interface clock (DCLKChA). This pin must left unconnected if not being used. P14 DA−ChA/SDOBChA DO Channel A ADC Data Interface Output Multifunction Pin. In LVDS data interface mode (default), this output pin along with DA+ChA serves as the primary LVDS Data Lane A. In SPI data interface mode, this pin functions as Serial Data Output B (SDOBChA), which is active in a 4-lane configuration only. Result data is shifted out of this pin on the falling edge of the data interface clock (DCLKChA). This pin must left unconnected if not being used. 1 AI is analog input, AO is analog output, DI is digital input, DI/O is digital input and output, DO is digital output, and P is power. |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |