Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 91 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 91 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 87Page - Analog Devices AD4884BBCZ Datasheet HTML 88Page - Analog Devices AD4884BBCZ Datasheet HTML 89Page - Analog Devices AD4884BBCZ Datasheet HTML 90Page - Analog Devices AD4884BBCZ Datasheet HTML 91Page - Analog Devices AD4884BBCZ Datasheet HTML 92Page - Analog Devices AD4884BBCZ Datasheet HTML 93Page - Analog Devices AD4884BBCZ Datasheet HTML 94Page - Analog Devices AD4884BBCZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 116 page
background image
Data Sheet
AD4884
DIGITAL FEATURES
analog.com
Rev. 0 | 91 of 116
SYSTEM ERROR CORRECTION
COEFFICIENTS
Systematic gain and offset errors exist in all practical data acquis-
ition circuits, and thus, the need for correction is essential to
maximize the precision of the measurement channel. While these
quantities can be corrected for in the host processor, implementa-
tion can be inefficient and consume more power than if integrated
within the data converter. To minimize these challenges for the end
user, the AD4884 has integrated both gain and offset correction on
a per sample basis.
To describe the available error corrections, consider that the trans-
fer function of an ideal ADC can be described by the straight line
equation:
y = mx + c
This equation can be applied to the ADC transfer function, where:
y is the corrected ADC result.
m is the gain or slope of the line.
x is the uncorrected ADC result.
c is the offset.
The gain or slop of the line can be described as follows:
m = (y2 − y1)/(x2 − x1)
where the following are in volts:
y2 is the input voltage at close to the positive full-scale input.
y1 is the input voltage at close to the negative full-scale input.
x2 is the converted voltage with the y2 voltage applied at the input.
x1 is the converted voltage with the y1 voltage applied at the input.
The ideal slope or gain is m = 1V/V
The system error correction coefficients in the Offset Error Correc-
tion and Gain Error Correction sections detail how signal chain
errors in offset (c) and gain (m) can be corrected using the configu-
ration registers of each AD4884 channel.
Offset Error Correction
The AD4884 is factory calibrated for low zero error. To account
for system offset errors that may be present in the analog signal
chain in front of a channel, an offset error correction functionality
is provided. The correction value to be applied is written to the
OFFSET bit field in the offset correction register of the correspond-
ing channel (see the Offset Correction Register, Address 0x25 and
0x26).
The OFFSET bit field is a 12-bit value in two's complement data for-
mat. The LSB size for this field is the same as the ADC conversion
LSB (91.55μV). The range for offset error correction is therefore
+2047 × LSB (0x7FF) to −2048 × LSB (0x800). This shows an
offset correction voltage range between +187.4mV and −187.5mV.
The default value for the OFFSET bit field, after power on, or after
a software reset, is 0x000, which shows the zero offset correction
applied.
Gain Error Correction
The AD4884 is factory calibrated to minimize its intrinsic gain error.
To account for system gain errors introduced by the analog signal
chain in front of a channel, a gain error correction functionality is
provided. The gain correction factor to be applied depends on the
value written to the GAIN bit field in the gain correction register
of the corresponding channel (see the Gain Correction Register,
Address 0x27 and 0x28).
The GAIN bit field is a 10-bit value that allows a nominal gain error
correction of ±1.5594% of full scale. The 10-bit register is coded
in a straight binary data format, the gain error can be adjusted
with a resolution of 1.5594%/512 = 0.00305%. A value of 0x3FF
results in a gain correction factor of 1.0 + 0.015594, and a value
of 0x001 results in a gain correction factor of 1.0 − 0.015594. The
default value after power on, or software reset, is 0x200. This value
shows no gain error correction being applied to the ADC results,
and allows for lower latency operation (see ADC Result Latency
and LVDS Interface Alignment).
To determine the system gain error that must be applied, the user
can perform a two-point voltage measurement with gain error cor-
rection disabled, preferably close to positive and negative full-scale
inputs, and use the slope or gain equation in the System Error
Correction Coefficients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com