Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 12 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 12 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 8Page - Analog Devices AD4884BBCZ Datasheet HTML 9Page - Analog Devices AD4884BBCZ Datasheet HTML 10Page - Analog Devices AD4884BBCZ Datasheet HTML 11Page - Analog Devices AD4884BBCZ Datasheet HTML 12Page - Analog Devices AD4884BBCZ Datasheet HTML 13Page - Analog Devices AD4884BBCZ Datasheet HTML 14Page - Analog Devices AD4884BBCZ Datasheet HTML 15Page - Analog Devices AD4884BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
Data Sheet
AD4884
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 12 of 116
Table 3. Absolute Maximum Ratings
Parameter
Rating
Analog Inputs
SJ+ChA to SJ−ChA, SJ+ChB to SJ−ChB
±1V
IN3+ChA to IN3−ChA, IN3+ChB to IN3−ChB
±2V
IN2+ChA to IN2−ChA, IN2+ChB to IN2−ChB
±4V
IN1+ChA to IN1−ChA, IN1+ChB to IN1−ChB
±7V
VOCM_ChX to GND
−VS to +VS + 0.3V
OUT+ChX, OUT−ChX1 to GND
−0.3V to +3.6V
Supply Voltage
+VS to −VS
11V
REFIN, VDD33 to GND
−0.3V to +3.6V
VDDLDO to GND
−0.3V to +2.75V
VDD11ChX to GND
−0.3V to +1.26V
IOVDDChX to GND
−0.3V to +1.26V
Digital Inputs and Outputs
Inputs (CNV±ChX, CLK±ChX) to GND
−0.3V to +2.75V
LVDS OUTPUT (DCO±ChX, DA±ChX, DB±ChX) to GND
−0.3V to +1.26V
CSChX, SCLKChX , SDIChX to GND
−0.3V to +2.75V
GPIOnChX to GND
−0.3V to +1.26V
DISABLE_FDAChXA to GND
−VS − 0.3V to +VS
+ 0.3V
SDOAChX, SDOBChX, SDOCChX, SDODChX to GND
−0.3V to 1.26V
Temperature
Storage Range
−55°C to +150°C
Operating Range
−40°C to +85°C
Maximum TJ
105°C
Maximum Reflow (Package) as per JEDEC J-STD-020
260°C
1 The FDA output pins OUT+ChX and OUT−ChX have the consideration of analog
inputs since they drive the inputs of the ADC. The voltage into these nodes
is indirectly driven by the user via the FDA, which means that respecting this
Absolute Maximum Rating involves limiting the differential input voltage to the
FDA, taking into account the configured FDA gain.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is required.
θJA is the natural convection junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction-
to-case thermal resistance. θJB is the junction-to-board thermal
resistance. ΨJT is the junction-to-top thermal characterization.
Thermal resistance values specified in Table 4 are simulated based
on JEDEC specs (unless specified otherwise) and must be used in
compliance with JESD51-12.
Table 4. Thermal Resistance1
Package Type
θJA
θJC
θJB
ΨJT
Unit
BC-196-20
37.3
23
23
3.6
°C/W
1 Thermal resistance values are based on simulation of a 2S2P JEDEC PCB
with vias, except for θJC, which is based on a 1S0P JEDEC PCB simulation.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged-device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for the AD4884
Table 5. AD4884, 196-Ball CSP_BGA
ESD Model
Withstand Threshold (V)
Class
HBM
±1000
1C
FICDM
±500
C2a
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged
devices and circuit boards can discharge without detection.
Although this product features patented or proprietary protec-
tion circuitry, damage may occur on devices subjected to high
energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com