Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 48 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 48 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 44Page - Analog Devices AD4884BBCZ Datasheet HTML 45Page - Analog Devices AD4884BBCZ Datasheet HTML 46Page - Analog Devices AD4884BBCZ Datasheet HTML 47Page - Analog Devices AD4884BBCZ Datasheet HTML 48Page - Analog Devices AD4884BBCZ Datasheet HTML 49Page - Analog Devices AD4884BBCZ Datasheet HTML 50Page - Analog Devices AD4884BBCZ Datasheet HTML 51Page - Analog Devices AD4884BBCZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 116 page
background image
Data Sheet
AD4884
DIGITAL INTERFACE
analog.com
Rev. 0 | 48 of 116
OVERVIEW
The system-in-package construction of AD4884, with two separate
ADC die, results in a fully-independent digital interface for each
channel. Each digital interface consists of a 4-wire SPI for de-
vice configuration, four general-purpose input and output (GPIO)
pins, a conversion data access interface with selectable output
format (LVDS or SPI data interface), and a conversion start input
(CNV+ChX and CNV−ChX) that can be configured for LVDS or
CMOS level signaling.
Register Interface
Each AD4884 channel has its own separate configuration memory.
The configuration registers of each channel are accessed through
the corresponding SPI configuration interface (see the SPI Configu-
ration Interface section).
ADC Conversion Control
The ADC conversions of each AD4884 channel can be independ-
ently controlled. Each ADC acquires a sample and initiates a
conversion operation on the rising edge of a convert start signal,
applied at its CNV+ChX and CNV−ChX pins. Due to both channels
being identical, AD4884 is also apt for simultaneous sampling
applications (see the examples in Data Interface Clocking Solution
section).
The input stages of the ADCs inside AD4884 cannot stay indefi-
nitely in acquisition mode. This means that there is a minimum
sampling frequency that must be exercised (see Timing Specifica-
tions), and that the first two samples acquired after power up or
after a sleep or standby period are not guaranteed to be correct,
and hence must be discarded.
There are two possible configurations for the electrical signaling
at the convert start input pins CNV±ChX: CMOS or LVDS. CMOS
is the default mode on power up and after reset. CMOS requires
that the CNV−ChX pin be connected to the digital interface ground
(IOGND). In this mode, the convert signal must be a CMOS logic
signal referenced to IOGND and applied at CNV+ChX, with logic
levels according to the digital inputs (CNVChX, GPIOxChX, DCSChX,
and DCLKChX) parameters in Table 1.
To switch a channel to LVDS mode, the LVDS_CNV_EN bit of its
ADC Data Interface Configuration B register (see the ADC Data
Interface Configuration B Register section, Address 0x16) must
be set to 1. In this mode, an external 100Ω termination resistor
must be installed between the CNV+ChX and CNV−ChX pins, as
close to the AD4884 as possible. In LVDS mode, the CNV+ChX
and CNV−ChX pins must be driven differentially with an LVDS
driver conforming to the levels specified in the LVDS I/O (EIA-644)
parameters in Table 1. A user must take care to closely match the
CNV+ChX and CNV−ChX differential signal pair routing and to use
controlled impedance to ensure signal integrity. If the application
aims at simultaneous sampling for both channels, proper fanning-
out of the common conversion clock must be implemented, along
with path length matching also between the CNV±ChA and CNV±ChB
signal pairs.
ADC Conversion Data Interface
The ADC conversion data interface of each channel can be inde-
pendently configured to one of the following signaling options:
►
LVDS level signaling (LVDS data Interface)
►
CMOS level signaling (SPI data interface)
The choice of interface is usually determined by the requirements
and constraints of the application at hand. For example, if contin-
uous fast data acquisition is required, then the LVDS signaling
interface is typically the preferred option. If the application requires
only noncontinuous bursts of data acquisitions, then either the
LVDS or the SPI data interfaces can be used. The capabilities of
the digital interface host can also determine which interface option
is chosen.
Common to both the LVDS and SPI data interfaces are the follow-
ing flexible features, which reduce the burden on the chosen digital
host:
►
Multilane data transfer: enables sustained data throughput at
reduced interface clock speeds.
►
Test pattern generation: facilitates interface integrity checks.
Additionally, for the LVDS only, there is the option to set a configu-
rable output drive.
By default, the LVDS interface is selected on power up and after a
reset. As shown in Figure 87, for LVDS, the data path of the ADC
results is routed though the offset and gain correction block where
there is the option to:
►
Continuously read, directly, the raw ADC conversion results.
►
Continuously read the ADC results processed by a user-selected
digital filter (for more details, see the Digital Filter section).
►
Read up to 16k unfiltered results from the channel FIFO.
►
Read up to 16k digitally filtered results from the channel FIFO.
Figure 87. LVDS Data Interface Options (Shown for One Channel)
If configured for the SPI data interface, as shown in Figure 88, the
available data paths are as follows:
►
Read up to 16k unfiltered results from the channel FIFO.
►
Read up to 16k digitally filtered results from the channel FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com