Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 32 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 32 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 28Page - Analog Devices AD4884BBCZ Datasheet HTML 29Page - Analog Devices AD4884BBCZ Datasheet HTML 30Page - Analog Devices AD4884BBCZ Datasheet HTML 31Page - Analog Devices AD4884BBCZ Datasheet HTML 32Page - Analog Devices AD4884BBCZ Datasheet HTML 33Page - Analog Devices AD4884BBCZ Datasheet HTML 34Page - Analog Devices AD4884BBCZ Datasheet HTML 35Page - Analog Devices AD4884BBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
Data Sheet
AD4884
THEORY OF OPERATION
analog.com
Rev. 0 | 32 of 116
POWER SAVING OPERATING MODES
The operating mode of each AD4884 channel is controlled by the
OPERATING_MODES bits in its corresponding Device Configura-
tion Register (Address 0x02). On power up and after reset, the de-
fault is normal mode (OPERATING_MODES = 00). Table 10 shows
all operating modes, and Figure 57 shows the allowed transitions
between these modes. Note that direct transitions between the two
power saving modes (standby and sleep mode) are not permitted.
It is important to stop all conversion and data interface clocking to a
channel before configuring its power mode.
When both ADC channels have been put in either standby mode or
sleep mode, the VDD33 supply can be removed to reduce power
consumption. This supply must be reestablished prior to issuing the
SPI configuration interface commands to exit either power saving
mode.
Figure 57. Operating Mode Transitions
Transitioning from normal mode to either of the two power saving
modes is achieved by writing the required value to the OPERAT-
ING_MODES bits in the Device Configuration Register. Waking
up (that is, transitioning back to normal mode) is achieved in a
similar way because the SPI configuration interface operation is
not affected by any of the power saving modes (see the SPI Config-
uration Interface section). Standby mode can be selected to save
power, in the case where the user wants to quickly return to normal
conversions. Sleep mode is a lower power state where returning to
normal mode takes longer. Both standby and sleep mode can be
particularly useful when used with the result FIFO (see the Result
FIFO section), whereby previously stored conversion data can be
accessed from the FIFO while it is still in the selected power saving
mode.
When using the internally regulated supply configuration, putting
a channel into standby or sleep mode powers down the LDO
regulator generating its corresponding IOVDDChX rail. This disables
all inputs and outputs under the now unpowered IOVDDChX domain
(all corresponding GPIOxChX, LVDS data interface (see the LVDS
Data Interface section) and SPI data interface (see the SPI Data
Interface section) signals are disabled). Note that in this condition,
it is still possible to write to the AD4884 SPI configuration to
issue a command to return to normal mode by writing to the
OPERATING_MODES bits in the device configuration register (see
the Device Configuration Register section) or to issue a software
reset (see the Software Reset section), because CS ChX, SCLKChX,
and SDIChX are under the VDD11ChX supply domain. As GPIOxChX
is disabled, it is not possible to perform any read activity on the SPI
configuration interface bus.
When IOVDDChX is externally supplied, and the channel is put
into standby or sleep mode, its LVDS data interface is disabled,
however, all its GPIOxChX, SPI data interface, and SPI configuration
interface pins remain enabled and unaffected. While power is sup-
plied externally to IOVDDChX within its specified range, previously
acquired data stored in the channel result FIFO can be access in
either standby or sleep mode.
Table 10 also indicates the wake-up times associated with each of
the modes. Wake-up time from sleep mode is significantly higher
than that of standby mode because time must be allowed for
the internal reference and common-mode buffers to reenable and
to replenish charge to the internal capacitors. Wake-up time is
defined as the interval between writing the SPI command that
exits the selected power-saving mode to the device configuration
register (see OPERATING_MODES bits in the Device Configuration
Register section) and the point at which the first conversion start
pulse can be applied. Applying conversion start pulses before the
specified wake-up time has elapsed can lead to improper operation
or permanent device damage.
For the lowest power consumption of a channel in any of the power
saving operating modes, the LVDS_SELF_CLK_MODE must be
enabled in its ADC Data Interface Configuration B register (see
the ADC Data Interface Configuration B Register section) to power
down the LVDS DCO transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com