Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 16 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 16 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 12Page - Analog Devices AD4884BBCZ Datasheet HTML 13Page - Analog Devices AD4884BBCZ Datasheet HTML 14Page - Analog Devices AD4884BBCZ Datasheet HTML 15Page - Analog Devices AD4884BBCZ Datasheet HTML 16Page - Analog Devices AD4884BBCZ Datasheet HTML 17Page - Analog Devices AD4884BBCZ Datasheet HTML 18Page - Analog Devices AD4884BBCZ Datasheet HTML 19Page - Analog Devices AD4884BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
Data Sheet
AD4884
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 16 of 116
Table 6. Pin Function Descriptions (Continued)
Pin Number
Mnemonic
Type1
Description
N4
GPIO3ChB
DI/O
Channel B ADC General-Purpose Input and Output 3 Pin.
N5
DCO−ChB
DO
Channel B ADC LVDS Echo Clock Negative Output.
This output pin, along with DCO+ChB, outputs a buffered and delayed version of CLK+ChB and CLK−ChB.
Data outputs from LVDS Data Lanes (DA±ChB and DB±ChB, if active) are clocked out in alignment with
both rising and falling edges of DCO+ChB and DCO−ChB. If the echo clock mode is disabled, these pins
can be left unconnected.
N6
DB+ChB/SDOCChB
DO
Channel B ADC Data Interface Output Multifunction Pin.
In LVDS data interface mode (default), this output pin along with DB−ChB serves as the optional,
secondary LVDS Data Lane B for the ADC. If unused, leave unconnected.
When the ADC is in SPI data interface mode, this pin functions as Serial Data Output C (SDOCChB),
which is active in a 4-lane configuration only. Result data is shifted out of this pin on the falling edge of the
data interface clock (DCLKChB).
This pin must left unconnected if not being used.
N7
DB−ChB/SDODChB
DO
Channel B ADC Data Interface Output Multifunction Pin.
When the ADC is in LVDS data interface mode (default), this output pin along with DB+ChB serves as the
optional, secondary LVDS Data Lane B. If unused, leave unconnected.
When the ADC is in SPI data interface mode, this pin functions as Serial Data Output D (SDODChB),
which is active in a 4-lane configuration only. Result data is shifted out of this pin on the falling edge of the
data interface clock (DCLKChB). Note that this pin does not go into a high impedance state when used in
4-lane SPI mode when DCSChB is high.
This pin must be left unconnected if not being used.
N8
GPIO0ChA
DI/O
Channel A ADC General-Purpose Input and Output 0 Pin.
By default, this pin is enabled as an output and functioning as Channel A Configuration SPI SDO.
N9
GPIO1ChA
DI/O
Channel A ADC General-Purpose Input and Output 1 Pin.
N10
GPIO2ChA
DI/O
Channel A ADC General-Purpose Input and Output 2 Pin.
N11
GPIO3ChA
DI/O
Channel A ADC General-Purpose Input and Output 3 Pin.
N12
DCO−ChA
DO
Channel A ADC LVDS Echo Clock Negative Output.
This pin, along with DCO+ChA, outputs a buffered and delayed version of CLK+ChA and CLK−ChA. Data
outputs from LVDS Data Lanes (DA±ChA and DB±ChA, if active) are clocked out in alignment with both
rising and falling edges of DCO+ChA and DCO−ChA. If the echo clock mode is disabled, these pins can be
left unconnected.
N13
DB+ChA/SDOCChA
DO
Channel A ADC Data Interface Output Multifunction Pin.
In LVDS data interface mode (default), this output pin along with DB−ChA serves as the optional,
secondary LVDS Data Lane B for the ADC. If unused, leave unconnected.
When the ADC is in SPI data interface mode, this pin functions as Serial Data Output C (SDOCChA),
which is active in a 4-lane configuration only. Result data is shifted out of this pin on the falling edge of the
data interface clock (DCLKChA).
This pin must left unconnected if not being used.
N14
DB−ChA/SDODChA
DO
Channel A ADC Data Interface Output Multifunction Pin.
When the ADC is in LVDS data interface mode (default), this output pin along with DB+ChA serves as the
optional, secondary LVDS Data Lane B. If unused, leave unconnected.
When the ADC is in SPI data interface mode, this pin functions as Serial Data Output D (SDODChA),
which is active in a 4-lane configuration only. Result data is shifted out of this pin on the falling edge of the
data interface clock (DCLKChA). Note that this pin does not go into a high impedance state when used in
4-lane SPI mode when DCSChA is high.
This pin must be left unconnected if not being used.
P2
SCLKChB
DI
Channel B ADC Configuration Interface Serial Data Clock. This clock input is used to shift data into and
out of the device configuration memory.
P3
SDIChB
DI
Channel B ADC Configuration Interface Serial Data Input. Data is shifted into this input on the rising edge
of the serial data clock, SCLKChB.
P4
CS ChB
DI
Channel B ADC Configuration Interface Chip-Select Input (Active Low). The CSChB input frames serial
data transfers over the Configuration SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com