Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 38 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 38 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 34Page - Analog Devices AD4884BBCZ Datasheet HTML 35Page - Analog Devices AD4884BBCZ Datasheet HTML 36Page - Analog Devices AD4884BBCZ Datasheet HTML 37Page - Analog Devices AD4884BBCZ Datasheet HTML 38Page - Analog Devices AD4884BBCZ Datasheet HTML 39Page - Analog Devices AD4884BBCZ Datasheet HTML 40Page - Analog Devices AD4884BBCZ Datasheet HTML 41Page - Analog Devices AD4884BBCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 116 page
background image
Data Sheet
AD4884
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 38 of 116
Figure 66. AD4884 Differential Input Configuration with Gain = 2.74, ±1.10V Input Range
Figure 67. AD4884 Differential Input Configuration with Gain = 3.13, ±0.96V Input Range
Figure 68. AD4884 Differential Input Configuration with Gain = 4.11, ±0.73V Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com