Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 2Page - Analog Devices AD4884BBCZ Datasheet HTML 3Page - Analog Devices AD4884BBCZ Datasheet HTML 4Page - Analog Devices AD4884BBCZ Datasheet HTML 5Page - Analog Devices AD4884BBCZ Datasheet HTML 6Page - Analog Devices AD4884BBCZ Datasheet HTML 7Page - Analog Devices AD4884BBCZ Datasheet HTML 8Page - Analog Devices AD4884BBCZ Datasheet HTML 9Page - Analog Devices AD4884BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
Data Sheet
AD4884
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 116
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VDD33
Ripple voltage = 50mVpp, f = 1kHz
83
dB
VDD11ChA, VDD11ChB
Ripple voltage = 50mVpp, f = 1kHz
81
dB
IOVDDChA, IOVDDChB
Ripple voltage = 50mVpp, f = 1kHz
88
dB
VDDLDO
Ripple voltage = 50mVpp, f = 1kHz
89
dB
Channel-to-Channel Crosstalk
VIN = 3Vpp
fIN = 10kHz
−131
dB
fIN = 700kHz
−96
dB
−3dB Small Signal Bandwidth
VIN,dm = 60mVp-p, G = 1.03, Cfb = 0pF
40
MHz
Slew Rate
VOUT,dm = 4V step
500
V/μs
Settling Time to 16-Bit
VOUT,dm = 4V step
40
ns
CHANNEL-TO-CHANNEL MATCHING
Phase Angle Mismatch
1kHz sine wave
G = 1.03
6
m°
G = 2.03
5
m°
G = 5.77
3
m°
VOCMChX CHARACTERISTICS
Input Voltage
1.5 − 0.05
1.5
1.5 + 0.05
V
Input Resistance
125
kΩ
Offset Voltage
Common-mode offset VOS,cm,ChX = VOUT,cm,ChX −
VOCMChX
Positive Input (VIP) = Negative Input (VIN) = VOCM = 0V
TA = 25°C
±5
±56
mV
TA = −40°C to +85°C
±20
±65
mV
Input Bias Current
TA = 25°C
−320
nA
TA = −40°C to +85°C
−335
nA
Input Bias Current Drift
TA = −40°C to +85°C
−0.6
nA/°C
FDA OUTPUT CLAMPS
VCLAMP+ Clamping Voltage
VCLAMP+ + 0.5 VCLAMP+ + 0.6
V
VCLAMP− Clamping Voltage
VCLAMP− − 0.6
VCLAMP− − 0.5
V
Recovery Time
100
ns
Input Resistance
Resistance between +VCLAMP and −VCLAMP
240
kΩ
DISABLE (DISABLE_FDAChX PIN) MODE
Input Voltage
Disabled
−VS − 0.3
GND + 1
V
Enabled
GND + 1.4
+VS + 0.3
V
Turn Off Time
Static full-scale FDA output falling to 10% amplitude after
DISABLE_FDAChX assertion
20
μs
Turn On Time
Static full-scale FDA output reaching 90% amplitude
after DISABLE_FDAChX deassertion
1.2
μs
DISABLE_FDAChX Pin Bias Current
Enabled
DISABLE_FDAChX = 5V
110
nA
Disabled
DISABLE_FDAChX = 0V
−900
nA
REFERENCE INPUT (REFIN)
Input Voltage (VREFIN)
2.995
3.0
3.005
V
Current Draw
−0.6
+2
μA/MSPS
TA = 25°C
−14
+40
μA
Leakage Current
Converters Idle
−10
+10
μA
COMMON-MODE OUTPUT (CMOChX)
Absolute Output Voltage
VREFIN = 3.0V
1.47
VREFIN/2
1.51
V
Noise
Bandwidth = 7.4MHz
71
μV RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com