Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4884BBCZ Arkusz danych(PDF) 14 Page - Analog Devices

Numer części AD4884BBCZ
Szczegółowy opis  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ Arkusz danych(HTML) 14 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 10Page - Analog Devices AD4884BBCZ Datasheet HTML 11Page - Analog Devices AD4884BBCZ Datasheet HTML 12Page - Analog Devices AD4884BBCZ Datasheet HTML 13Page - Analog Devices AD4884BBCZ Datasheet HTML 14Page - Analog Devices AD4884BBCZ Datasheet HTML 15Page - Analog Devices AD4884BBCZ Datasheet HTML 16Page - Analog Devices AD4884BBCZ Datasheet HTML 17Page - Analog Devices AD4884BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
Data Sheet
AD4884
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 14 of 116
Table 6. Pin Function Descriptions (Continued)
Pin Number
Mnemonic
Type1
Description
B5, B6
IN3−ChB
AI
Channel B Negative Analog Input 3.
B7, B14, C1 to C14
−VS
P
FDA Negative Supply Rail. These supply pins are internally decoupled by two 220nF capacitors to GND.
These pins must be shorted externally.
B8, B9
IN3+ChA
AI
Channel A Positive Analog Input 3.
B10
SJ+ChA
AI
Channel A FDA Summing Junction Positive Node. Sensitive pin, see the Layout Guidelines section.
B11
SJ−ChA
AI
Channel A FDA Summing Junction Negative Node. Sensitive pin, see the Layout Guidelines section.
B12, B13
IN3−ChA
AI
Channel A Negative Analog Input 3.
D1 to D14, E6, E13
+VS
P
FDA Positive Supply Rail. These supply pins are internally decoupled by two 220nF capacitors to GND.
These pins must be shorted externally.
E1, E8
+VCLAMP
AI
FDA Output Positive Clamp. These pins must be shorted externally and connected to the reference input
pin REFIN.
E2, E3
OUT−ChB
AO
Channel B FDA Negative Output.
E4, E5
OUT+ChB
AO
Channel B FDA Positive Output.
E7, E14
−VCLAMP
AI
FDA Output Negative Clamp. These pins must be shorted externally and connected to ground.
E9, E10
OUT−ChA
AO
Channel A FDA Negative Output.
E11, E12
OUT+ChA
AO
Channel A FDA Positive Output.
F1
VOCM_ChB
AI
Channel B FDA Output Common-Mode Voltage.
F2
CMOChB
AO
Channel B ADC Common-Mode Voltage Output.
F3, F4, F10, F11, P1, P8
DNC
DNC
Do Not Connect. Do not connect to these pins.
F6
DISABLE_FDAChB
DI
Channel B FDA Disable Pin. Contains internal pull-up network, can be left floating for normal operation.
F8
VOCM_ChA
AI
Channel A FDA Output Common-Mode Voltage.
F9
CMOChA
AO
Channel A ADC Common-Mode Voltage Output.
F13
DISABLE_FDAChA
DI
Channel A FDA Disable Pin. Contains internal pull-up network, can be left floating for normal operation.
G4 to G6, G11 to G13, H4,
H5, H11, H12, J1, J2, J8,
J9, K1, K2, K8, K9
REFGND
P
Reference Grounds. Connect any external reference decoupling capacitors across REFIN and REFGND.
All REFGND pins must be connected with a low impedance path to GND.
G7, H7, J7
VDD11ChB
P
Channel B ADC 1.1V Core Supplies. These supply pins are internally decoupled by four 470nF capacitors
to GND.
When power is supplied to VDDLDO (H6, H13), an internal LDO voltage regulator produces the 1.1V
required at these pins. The voltage regulator is automatically powered on when VDDLDO is driven with a
voltage between 1.4V and 2.7V.
If VDDLDO is left disconnected, the required 1.1V must be supplied to these pins from an external source.
G14, H14, J14
VDD11ChA
P
Channel A ADC 1.1V Core Supplies. These supply pins are internally decoupled by four 470nF capacitors
to GND.
When power is supplied to VDDLDO (H6, H13), an internal LDO voltage regulator produces the 1.1V
required at these pins. The voltage regulator is automatically powered on when VDDLDO is driven with a
voltage between 1.4V and 2.7V.
If VDDLDO is left disconnected, the required 1.1V must be supplied to these pins from an external source.
H2, H3, H9, H10
VDD33
P
3.3V Supply Rail Inputs for ADCs. These supply pins are internally decoupled by two 470nF capacitors to
GND. These pins must be shorted externally.
H6, H13
VDDLDO
P
LDO Supply Rail Input.
This supply rail is internally decoupled by two 220nF capacitors to GND. Four internal, 1.1V, LDO
voltage regulators (two per ADC) can be supplied from a source connected to this input in the 1.4V to
2.7V range. If this pin is left open, all four internal regulators automatically power off and VDD11ChA,
VDD11ChB, IOVDDChA, and IOVDDChB must be connected with an external voltage source within their
allowed specification limits.
If VDDLDO is connected to a voltage source, VDD11ChA, VDD11ChB, IOVDDChA, and IOVDDChB must not
be connected to any external voltage source.
These pins must be shorted externally.
K6, K13
IOGND
P
Digital Interface Supply Ground Reference. These pins must be connected to the same ground plane as
all other GND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com