Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 14 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 14 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 10Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 11Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 12Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 13Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 14Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 15Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 16Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 17Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 123 page
background image
Table 8. Absolute maximum ratings ...continued
Parameter description
Symbol
Min
Max
Unit
Notes
VDD_USB_1P8
-0.3
2.15
V
—
VDD_USB_3P3
-0.3
3.95
V
—
MIPI PHY supply voltage
VDD_MIPI_0P8
-0.3
1.15
V
—
VDD_MIPI_1P8
-0.3
2.15
V
—
LVDS PHY supply voltage
VDD_LVDS_1P8
-0.3
2.15
V
—
Analog core supply voltage
VDD_ANA_0P8
-0.3
1.15
V
—
VDD_ANAx_1P8
-0.3
2.15
V
[1]
Input/output voltage range
[2]
Vin/Vout
-0.3
NVCC_XXX +
0.3
V
—
Storage temperature range
TSTORAGE
-40
150
oC
—
[1] VDD_ANAx_1P8 refers to VDD_ANA0_1P8, VDD_ANA1_1P8, and VDD_ANAVDET_1P8.
[2] Input and output voltages on the GPIO pins must remain within a minimum of –300 mV and a maximum of NVCC_XXX + 300 mV, where NVCC_XXX is the
operational GPIO supply voltage at the SoC. These limits include any DC offsets from the driving device as well as any AC transients—such as overshoot or
undershoot—occurring during signal switching.
Table 9. Electrostatic discharge and latch-up ratings
Parameter description
Rating
Reference
Comment
Electrostatic
Discharge (ESD)
Human Body Model (HBM)
±1000 V
JS-001
—
Charged Device Model (CDM)
±250 V
JS-002
—
Latch-up (LU)
Immunity level:
• Class II @ 95 °C
ambient temperature
A
A
JESD78
—
4.1.2 Thermal resistance
4.1.2.1 11 x 11 mm FCBGA package thermal characteristics
Table 10 displays the 11 x 11 mm FCBGA package thermal resistance data.
Table 10. 11 x 11 mm FCPBGA thermal resistance data
Rating
Board Type[1]
Symbol
Values
Unit
Junction to Ambient Thermal Resistance[2]
JESD51-9, 2s2p
RθJA
22.5
°C/W
Junction-to-Top of Package
JESD51-9, 2s2p
ΨJT
0.1
°C/W
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
14 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com