Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 46 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 46 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 42Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 43Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 44Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 45Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 46Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 47Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 48Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 49Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 123 page
background image
Table 50. K factor value
Quality factor
K factor
High Quality
1/2
Medium Quality, Very Low Quality 0
1
Low Quality, Very Low Quality 1
2
Very Low Quality 2
4
Figure 19 illustrates the timing requirements for the PDM.
PDM_CLK
trs
tfs
PDM_DATAn
Left
Data
High
Impedance
Right
Data
High
Impedance
Left
Data
High
Impedance
Right
Data
Data
Impedance
Data
Impedance
Data
Impedance
Data
trh
tfh
Left
Data
High
Impedance
Right
Data
Right
Data
High
Impedance
High
Impedance
Left
Data
Figure 19. PDM input/output timing requirements
4.10.4 Medium Quality Sound (MQS) electrical specifications
Medium quality sound (MQS) is used to generate medium quality audio via a standard GPIO in the pinmux, allowing the user to
connect stereo speakers or headphones to a power amplifier without an additional DAC chip. Two outputs are asynchronous PWM
pulses and their maximum frequency is 1/32 x mclk_frequency.
Table 51. MQS specifications
Symbol
Description
Min
Typ
Max
Unit
fmclk[1][2]
Bit clock is used to generate
the mclk.
—
24.576
66.5
MHz
[1] Frequency of mclk depends on software settings.
Please see General purpose I/O (GPIO) AC parameters for other electrical parameters.
[2] The maximum frequency supported is 56 MHz when NVCC_xxxx operating at 3.3 V.
4.11 Analog
The following sections introduce the timing and electrical parameters about analog interfaces of i.MX 93 processors.
4.11.1 12-bit ADC electrical specifications
All ADC channels meet the 12-bit single-ended accuracy specifications.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
46 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com